Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564A Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8564A
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564A Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8564A Datasheet HTML 26Page - NXP Semiconductors PCF8564A Datasheet HTML 27Page - NXP Semiconductors PCF8564A Datasheet HTML 28Page - NXP Semiconductors PCF8564A Datasheet HTML 29Page - NXP Semiconductors PCF8564A Datasheet HTML 30Page - NXP Semiconductors PCF8564A Datasheet HTML 31Page - NXP Semiconductors PCF8564A Datasheet HTML 32Page - NXP Semiconductors PCF8564A Datasheet HTML 33Page - NXP Semiconductors PCF8564A Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
30 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
At the end of every countdown, the timer sets the countdown timer flag (bit TF in register
Control_2). Bit TF can only be cleared by command. The asserted bit TF can be used to
generate an interrupt at pin INT. The interrupt may be generated as a pulsed signal every
countdown period or as a permanently active signal which follows the condition of bit TF.
Bit TI_TP is used to control this mode selection and the interrupt output may be disabled
with bit TIE, see Table 35 and Figure 15.
When reading the timer, the current countdown value is returned and not the initial
value T. Since it is not possible to freeze the countdown timer counter during read back, it
is recommended to read the register twice and check for consistent results.
Timer source clock frequency selection of 1 Hz and 160 Hz is affected by the Offset
register. The duration of a program period varies according to when the offset is initiated.
For example, if a 100 s timer is set using the 1 Hz clock as source, then some 100 s
periods will contain correction pulses and therefore be longer or shorter depending on the
setting of the Offset register. See Section 8.2.3 to understand the operation of the Offset
register.
8.6.3.1
Countdown timer interrupts
The pulse generator for the countdown timer interrupt uses an internal clock and is
dependent on the selected source clock for the countdown timer and on the countdown
value T. As a consequence, the width of the interrupt pulse varies (see Table 38).
[1]
T = loaded countdown value. Timer stops when T = 0.
Table 38.
INT operation
TF and INT become active simultaneously.
Source clock (Hz)
INT period (s)
T=1[1]
T> 1[1]
4096
18192
14096
64
1128
164
1
164
164
160
164
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com