Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564A Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8564A
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564A Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8564A Datasheet HTML 34Page - NXP Semiconductors PCF8564A Datasheet HTML 35Page - NXP Semiconductors PCF8564A Datasheet HTML 36Page - NXP Semiconductors PCF8564A Datasheet HTML 37Page - NXP Semiconductors PCF8564A Datasheet HTML 38Page - NXP Semiconductors PCF8564A Datasheet HTML 39Page - NXP Semiconductors PCF8564A Datasheet HTML 40Page - NXP Semiconductors PCF8564A Datasheet HTML 41Page - NXP Semiconductors PCF8564A Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
38 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
[1]
For reliable oscillator start-up at power-on use VDD greater than 1.2 V. If powered up at 0.9 V the oscillator will start but it might be a bit
slow, especially if at high temperature. Normally the power supply is not 0.9 V at start-up and only comes at the end of battery
discharge. VDD min of 0.9 V is specified so that the customer can calculate how large a battery or capacitor they need for their
application. VDD min of 1.2 V or greater is needed to ensure speedy oscillator start-up time. For a restart condition, NXP recommends a
full '0 V' VDD value upon re-biasing.
[2]
Timer source clock = 160 Hz, level of pins SCL and SDA is VDD or VSS.
[3]
The I2C-bus interface of PCA85063A is 5 V tolerant.
[4]
Implicit by design.
[5]
Integrated load capacitance, CL(itg), is a calculation of COSCI and COSCO in series:
.
Oscillator
f
osc/fosc
relative oscillator
frequency variation
V
DD = 200 mV; Tamb =25 C
-
0.075
-
ppm
CL(itg)
integrated load
capacitance
on pins OSCO, OSCI
[5]
CL = 7 pF
4.2
7
9.8
pF
CL = 12.5 pF
7.5
12.5
17.5
pF
Rs
series resistance
-
-
100
k
Table 41.
Static characteristics …continued
VDD = 0.9 V to 5.5 V; VSS =0V; Tamb = 40 C to +105 C; fosc = 32.768 kHz; quartz Rs =60k; CL = 7 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C
Litg

C
OSCI
C
OSCO

C
OSCI
C
OSCO
+

--------------------------------------------
=
Tamb =25 C; CLKOUT disabled.
(1) VDD =5.0 V.
(2) VDD =3.3 V.
Fig 23. Typical IDD with respect to fSCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com