Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072CD Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CD
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CD Datasheet(HTML) 41 Page - Texas Instruments

Back Button TL072CD Datasheet HTML 37Page - Texas Instruments TL072CD Datasheet HTML 38Page - Texas Instruments TL072CD Datasheet HTML 39Page - Texas Instruments TL072CD Datasheet HTML 40Page - Texas Instruments TL072CD Datasheet HTML 41Page - Texas Instruments TL072CD Datasheet HTML 42Page - Texas Instruments TL072CD Datasheet HTML 43Page - Texas Instruments TL072CD Datasheet HTML 44Page - Texas Instruments TL072CD Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
9.2.3 Application Curve
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.5
1
1.5
2
Time (ms)
VIN
VOUT
Figure 9-2. Input and Output Voltages of the Inverting Amplifier
9.3 Unity Gain Buffer
+
±
+
+
12
10 k
U1 TL072
VOUT
Copyright © 2017, Texas Instruments Incorporated
VIN
Figure 9-3. Single-Supply Unity Gain Amplifier
9.3.1 Design Requirements
• VCC must be within valid range per Section 6.6. This example uses a value of 12 V for VCC.
• Input voltage must be within the recommended common-mode range, as shown in Section 6.6. The valid
common-mode range is 4 V to 12 V (VCC– + 4 V to VCC+).
• Output is limited by output range, which is typically 1.5 V to 10.5 V, or VCC– + 1.5 V to VCC+ – 1.5 V.
9.3.2 Detailed Design Procedure
• Avoid input voltage values below 1 V to prevent phase reversal where output goes high.
• Avoid input values below 4 V to prevent degraded VIO that results in an apparent gain greater than 1. This
may cause instability in some second-order filter designs.
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com