Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CD
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL072CD Datasheet HTML 6Page - Texas Instruments TL072CD Datasheet HTML 7Page - Texas Instruments TL072CD Datasheet HTML 8Page - Texas Instruments TL072CD Datasheet HTML 9Page - Texas Instruments TL072CD Datasheet HTML 10Page - Texas Instruments TL072CD Datasheet HTML 11Page - Texas Instruments TL072CD Datasheet HTML 12Page - Texas Instruments TL072CD Datasheet HTML 13Page - Texas Instruments TL072CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
6 Specifications
6.1 Absolute Maximum Ratings: TL07xH
over operating ambient temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage, VS = (VCC+) – (VCC–)
0
42
V
Signal input pins
Common-mode voltage (3)
(VCC–) – 0.5
(VCC+) + 0.5
V
Differential voltage (3)
VS + 0.2
V
Current (3)
–10
10
mA
Output short-circuit (2)
Continuous
Operating ambient temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Short-circuit to ground, one amplifier per package.
(3)
Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
6.2 Absolute Maximum Ratings: All Devices Except TL07xH
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
VCC+ - VCC– Supply voltage
–0.3
36
V
VI
Input voltage (3)
VCC– – 0.3
VCC– + 36
V
IIK
Input clamp current
–50
mA
Duration of output short circuit(2)
Unlimited
TJ
Operating virtual junction temperature
150
°C
Case temperature for 60 seconds - FK package
260
°C
Lead temperature 1.8 mm (1/16 inch) from case for 10 seconds
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The output may be shorted to ground or to either supply. Temperature and supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
(3)
Differential voltage only limited by input voltage.
6.3 ESD Ratings: TL07xH
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged device model (CDM), per JEDEC specification JESD22-C101 (2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com