Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072CD Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CD
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CD Datasheet(HTML) 25 Page - Texas Instruments

Back Button TL072CD Datasheet HTML 21Page - Texas Instruments TL072CD Datasheet HTML 22Page - Texas Instruments TL072CD Datasheet HTML 23Page - Texas Instruments TL072CD Datasheet HTML 24Page - Texas Instruments TL072CD Datasheet HTML 25Page - Texas Instruments TL072CD Datasheet HTML 26Page - Texas Instruments TL072CD Datasheet HTML 27Page - Texas Instruments TL072CD Datasheet HTML 28Page - Texas Instruments TL072CD Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
6.27 Electrical Characteristics, TL07xM
VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA (2)
TL071M, TL072M
TL074M
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0, RS = 50 Ω
25°C
3
6
3
9
mV
Full range
9
15
αVIO
Temperature
coefficient of input
offset voltage
VO = 0, RS = 50 Ω
Full range
18
18
μV/°C
IIO
Input offset current
VO = 0
25°C
5
100
5
100
pA
Full range
20
20
nA
IIB
Input bias current
VO = 0
25°C
65
200
65
200
pA
50
20
nA
VICR
Common-mode
input voltage range
25°C
±11
–12 to 15
±11 –12 to 15
V
VOM
Maximum peak
output voltage
swing
RL = 10 kΩ
25°C
±12
±13.5
±12
±13.5
V
RL ≥ 10 kΩ
Full range
±12
±12
RL ≥ 2 kΩ
±10
±10
AVD
Large-signal
differential voltage
amplification
VO = ±10 V, RL ≥ 2 kΩ
25°C
35
200
35
200
V/mV
15
15
B1
Unity-gain
bandwidth
3
3
MHz
ri
Input resistance
1012
1012
Ω
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
VO = 0, RS = 50 Ω
25°C
80
86
80
86
dB
kSVR
Supply-voltage
rejection ratio (ΔV
CC±/ΔVIO)
VCC = ±9 V to ±15 V,
VO = 0, RS = 50 Ω
25°C
80
86
80
86
dB
ICC
Supply current
(each amplifier)
VO = 0, No load
25°C
1.4
2.5
1.4
2.5
mA
VO1/VO2
Crosstalk
attenuation
AVD = 100
25°C
120
120
dB
(1)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 6-40. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature
as possible.
(2)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range is
TA = –55°C to 125°C.
6.28 Switching Characteristics
VCC± = ±15 V, TA= 25°C
PARAMETER
TEST CONDITIONS
TL07xM
TL07xC, TL07xAC,
TL07xBC, TL07xI TL075
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR
Slew rate at unity gain
VI = 10 V,
CL = 100 pF,
RL = 2 kΩ,
See Figure 7-1
5
13
8
13
V/μs
tr
Rise-time overshoot
factor
VI = 20 V,
CL = 100 pF,
RL = 2 kΩ,
See Figure 7-1
0.1
0.1
μs
20%
20%
Vn
Equivalent input noise
voltage
RS = 20 Ω
f = 1 kHz
18
18
nV/√ Hz
f = 10 Hz to 10 kHz
4
4
μV
In
Equivalent input noise
current
RS = 20 Ω,
f = 1 kHz
0.01
0.01
pA/√ Hz
THD
Total harmonic
distortion
VIrms = 6 V,
RL ≥ 2 kΩ,
f = 1 kHz,
AVD = 1,
RS ≤ 1 kΩ,
0.003%
0.003%
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com