Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CD
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CD Datasheet(HTML) 1 Page - Texas Instruments

  TL072CD Datasheet HTML 1Page - Texas Instruments TL072CD Datasheet HTML 2Page - Texas Instruments TL072CD Datasheet HTML 3Page - Texas Instruments TL072CD Datasheet HTML 4Page - Texas Instruments TL072CD Datasheet HTML 5Page - Texas Instruments TL072CD Datasheet HTML 6Page - Texas Instruments TL072CD Datasheet HTML 7Page - Texas Instruments TL072CD Datasheet HTML 8Page - Texas Instruments TL072CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
TL07xx Low-Noise FET-Input Operational Amplifiers
1 Features
• High slew rate: 20 V/μs (TL07xH, typ)
• Low offset voltage: 1 mV (TL07xH, typ)
• Low offset voltage drift: 2 μV/°C
• Low power consumption: 940 μA/ch (TL07xH, typ)
• Wide common-mode and differential
voltage ranges
– Common-mode input voltage range
includes VCC+
• Low input bias and offset currents
• Low noise:
Vn = 18 nV/√ Hz (typ) at f = 1 kHz
• Output short-circuit protection
• Low total harmonic distortion: 0.003% (typ)
• Wide supply voltage:
±2.25 V to ±20 V, 4.5 V to 40 V
2 Applications
• Solar energy: string and central inverter
• Motor drives: AC and servo drive control and
power stage modules
• Single phase online UPS
• Three phase UPS
• Pro audio mixers
• Battery test equipment
3 Description
The TL07xH (TL071H, TL072H, and TL074H) family
of devices are the next-generation versions of the
industry-standard TL07x (TL071, TL072, and TL074)
devices. These devices provide outstanding value for
cost-sensitive applications, with features including low
offset (1 mV, typical), high slew rate (20 V/μs), and
common-mode input to the positive supply. High ESD
(1.5 kV, HBM), integrated EMI and RF filters, and
operation across the full –40°C to 125°C enable the
TL07xH devices to be used in the most rugged and
demanding applications.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
TL071x
PDIP (8)
9.59 mm × 6.35 mm
SC70 (5)
2.00 mm × 1.25 mm
SO (8)
6.20 mm × 5.30 mm
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (5)
1.60 mm × 1.20 mm
TL072x
PDIP (8)
9.59 mm × 6.35 mm
SO (8)
6.20 mm × 5.30 mm
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (8)
2.90 mm × 1.60 mm
TSSOP (8)
4.40 mm × 3.00 mm
VSSOP (8)
3.00 mm × 3.00 mm
TL072M
CDIP (8)
9.59 mm × 6.67 mm
CFP (10)
6.12 mm × 3.56 mm
LCCC (20)
8.89 mm × 8.89 mm
TL074x
PDIP (14)
19.30 mm × 6.35 mm
SO (14)
10.30 mm × 5.30 mm
SOIC (14)
8.65 mm × 3.91 mm
SOT-23 (14)
4.20 mm × 2.00 mm
SSOP (14)
6.20 mm × 5.30 mm
TSSOP (14)
5.00 mm × 4.40 mm
TL074M
CDIP (14)
19.56 mm × 6.92 mm
CFP (14)
9.21 mm × 6.29 mm
LCCC (20)
8.89 mm × 8.89 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
+
−
+
−
IN+
IN−
OUT
IN+
IN−
OUT
TL072 (each amplifier)
TL074 (each amplifier)
TL071
OFFSET N1
OFFSET N2
Copyright © 2017, Texas Instruments Incorporated
Logic Symbols
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL072CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL072CD MOTOROLA-TL072CD Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL072CD ONSEMI-TL072CD Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Texas Instruments
TL072CD TI-TL072CD Datasheet
903Kb / 36P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072CD TI-TL072CD Datasheet
487Kb / 15P
LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CD STMICROELECTRONICS-TL072CD Datasheet
115Kb / 9P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Dec-1998
More results

Similar Description - TL072CD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_V01 Datasheet
2Mb / 69P
TL07xx Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_V02 Datasheet
4Mb / 75P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V04 Datasheet
5Mb / 88P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V06 Datasheet
5Mb / 87P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V07 Datasheet
5Mb / 93P
TL07xx Low-Noise FET-Input Operational Amplifiers
DECEMBER 2021
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com