Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2014AFVLHPR Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MWCT2014AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2014AFVLHPR Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MWCT2014AFVLHPR Datasheet HTML 10Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 11Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 12Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 13Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 14Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 15Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 16Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 17Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
• BUS_CLK = 48 MHz
• FLASH_CLK = 24 MHz
• VLPS Mode: All clock sources disabled.
Table 6. Power mode transition operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
tPOR
After a POR event, amount of time from the point VDD
reaches 2.7 V to execution of the first instruction
across the operating temperature range of the chip.
—
325
—
μs
VLPS → RUN
8
—
17
μs
STOP1 → RUN
0.07
0.075
0.08
μs
STOP2 → RUN
0.07
0.075
0.08
μs
VLPR → RUN
19
—
26
μs
VLPR → VLPS
5.1
5.7
6.5
μs
VLPS → VLPR
18.8
23
27.75
μs
RUN → Compute operation
0.72
0.75
0.77
μs
HSRUN → Compute operation
0.3
0.31
0.35
μs
RUN → STOP1
0.35
0.38
0.4
μs
RUN → STOP2
0.2
0.23
0.25
μs
RUN → VLPS
0.3
0.35
0.4
μs
RUN → VLPR
3.5
3.8
5
μs
VLPS → Asynchronous DMA Wakeup
105
110
125
μs
STOP1 → Asynchronous DMA Wakeup
1
1.1
1.3
μs
STOP2 → Asynchronous DMA Wakeup
1
1.1
1.3
μs
Pin reset → Code execution
—
214
—
μs
NOTE
HSRUN should only be used when frequencies in excess of 80
MHz are required. When using 80 MHz and below, RUN mode
is the recommended operating mode.
4.7 Power consumption
The following table shows the power consumption targets for the device in various
modes of operation. Attached MWCT101xS_Power_Modes _Configuration.xlsx details
the modes used in gathering the power consumption data stated in the following table
Table 7. For full functionality refer to table: Module operation in available low power
modes of the Reference Manual.
General
MWCT101XS Data Sheet, Rev. 3, 12/2019
14
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com