Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2014AFVLHPR Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MWCT2014AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2014AFVLHPR Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MWCT2014AFVLHPR Datasheet HTML 15Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 16Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 17Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 18Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 19Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 20Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 21Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 22Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
Table 9. DC electrical specifications at 3.3 V Range (continued)
Symbol
Parameter
Value
Unit
Notes
Min.
Typ.
Max.
IohGPIO-HD_DSE_0
IolGPIO
IolGPIO-HD_DSE_0
I/O current sink capability measured when
pad Vol = 0.8 V
3
—
—
mA
IohGPIO-HD_DSE_1
I/O current source capability measured when
pad Voh = (VDD − 0.8 V)
14
—
—
mA
4
IolGPIO-HD_DSE_1
I/O current sink capability measured when
pad Vol = 0.8 V
12
—
—
mA
4
IohGPIO-FAST_DSE_0 I/O current sink capability measured when
pad Voh=VDD-0.8 V
9.5
—
—
mA
5
IolGPIO-FAST_DSE_0 I/O current sink capability measured when
pad Vol = 0.8 V
10
—
—
mA
5
IohGPIO-FAST_DSE_1 I/O current sink capability measured when
pad Voh=VDD-0.8 V
16
—
—
mA
5
IolGPIO-FAST_DSE_1 I/O current sink capability measured when
pad Vol = 0.8 V
15.5
—
—
mA
5
IOHT
Output high current total for all ports
—
—
100
mA
IIN
Input leakage current (per pin) for full temperature range at VDD = 3.3 V
6
All pins other than high drive port pins
0.005
0.5
μA
High drive port pins
0.010
0.5
μA
RPU
Internal pullup resistors
20
60
kΩ
7
RPD
Internal pulldown resistors
20
60
kΩ
8
1. MWCT1016S will operate from 2.7 V when executing from internal FIRC. When the PLL is engaged MWCT1016S is
guaranteed to operate from 2.97 V. All other MWCT101xS family devices operate from 2.7 V in all modes.
2. For reset pads, same Vih levels are applicable
3. For reset pads, same Vil levels are applicable
4. The value given is measured at high drive strength mode. For value at low drive strength mode see the Ioh_Standard
value given above.
5. For refernce only. Run simulations with the IBIS model and custom board for accurate results.
6. Several I/O have both high drive and normal drive capability selected by the associated Portx_PCRn[DSE] control bit. All
other GPIOs are normal drive only. For details refer to MWCT101xS_IO_Signal_Description_Input_Multiplexing.xlsx
attached with the Reference Manual.
7. Measured at input V = VSS
8. Measured at input V = VDD
5.4 DC electrical specifications at 5.0 V Range
Table 10. DC electrical specifications at 5.0 V Range
Symbol
Parameter
Value
Unit
Notes
Min.
Typ.
Max.
VDD
I/O Supply Voltage
4
—
5.5
V
Vih
Input Buffer High Voltage
0.65 x VDD
—
VDD + 0.3
V
1
Table continues on the next page...
I/O parameters
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com