Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2014AFVLHPR Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MWCT2014AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2014AFVLHPR Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MWCT2014AFVLHPR Datasheet HTML 27Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 28Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 29Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 30Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 31Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 32Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 33Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 34Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
5. FlexMemory write endurance specified for 16-bit and/or 32-bit writes to FlexRAM and is supported across product
temperature specification in Normal Mode (not supported in HSRUN mode). Greater write endurance may be achieved
with larger ratios of EEPROM backup to FlexRAM.
6. For usage of any EEE driver other than the FlexMemory feature, the endurance spec will fall back to the specified
endurance value of the D-Flash specification (1K).
7. FlexMemory calculator tool is available at NXP web site for help in estimation of the maximum write endurance achievable
at specific EEPROM/FlexRAM ratios. The “In Spec” portions of the online calculator refer to the NVM reliability
specifications section of data sheet. This calculator is only applies to the FlexMemory feature.
6.3.2 QuadSPI AC specifications
The following table describes the QuadSPI electrical characteristics.
• Measurements are with maximum output load of 25 pF, input transition of 1 ns and
pad configured with fastest slew settings (DSE = 1'b1).
• I/O operating voltage ranges from 2.97 V to 3.6 V
• While doing the mode transition (RUN -> HSRUN or HSRUN -> RUN ), the
interface should be OFF.
• Add 50 ohm series termination on board in QuadSPI SCK for Flash A to avoid loop
back reflection when using in Internal DQS (PAD Loopback) mode.
• QuadSPI trace length should be 3 inches.
• For non-Quad mode of operation if external device doesn’t have pull-up feature,
external pull-up needs to be added at board level for non-used pads.
• With external pull-up, performance of the interface may degrade based on load
associated with external pull-up.
Memory and memory interfaces
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com