Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2014AFVLHPR Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MWCT2014AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2014AFVLHPR Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MWCT2014AFVLHPR Datasheet HTML 16Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 17Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 18Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 19Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 20Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 21Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 22Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 23Page - NXP Semiconductors MWCT2014AFVLHPR Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Table 10. DC electrical specifications at 5.0 V Range (continued)
Symbol
Parameter
Value
Unit
Notes
Min.
Typ.
Max.
Vil
Input Buffer Low Voltage
VSS − 0.3
—
0.35 x VDD
V
2
Vhys
Input Buffer Hysteresis
0.06 x VDD
—
—
V
Ioh_Standard I/O current source capability
measured when pad Voh= (VDD - 0.8
V)
5
—
—
mA
Iol_Standard I/O current sink capability measured
when pad Vol= 0.8 V
5
—
—
mA
Ioh_Strong
I/O current source capability
measured when pad Voh = VDD - 0.8
V
20
—
—
mA
3, 4
Iol_Strong
I/O current sink capability measured
when pad Vol = 0.8 V
20
—
—
mA
4, 5
IOHT
Output high current total for all ports
—
—
100
mA
IIN
Input leakage current (per pin) for full temperature range at VDD = 5.5 V
6
All pins other than high drive port
pins
0.005
0.5
μA
High drive port pins
0.010
0.5
μA
RPU
Internal pullup resistors
20
50
kΩ
7
RPD
Internal pulldown resistors
20
50
kΩ
8
1. For reset pads, same Vih levels are applicable
2. For reset pads, same Vil levels are applicable
3. The value given is measured at high drive strength mode. For value at low drive strength mode see the Ioh_Standard
value given above.
4. The strong pad I/O pin is capable of switching a 50 pF load at up to 40 MHz.
5. The value given is measured at high drive strength mode. For value at low drive strength mode see the Iol_Standard value
given above.
6. Several I/O have both high drive and normal drive capability selected by the associated Portx_PCRn[DSE] control bit. All
other GPIOs are normal drive only. For details refer to MWCT101xS_IO_Signal_Description_Input_Multiplexing.xlsx
attached with the Reference Manual.
7. Measured at input V = VSS
8. Measured at input V = VDD
5.5 AC electrical specifications at 3.3 V range
Table 11. AC electrical specifications at 3.3 V Range
Symbol
DSE
Rise time (nS) 1
Fall time (nS) 1
Capacitance (pF) 2
Min.
Max.
Min.
Max.
tRFGPIO
NA
3.2
14.5
3.4
15.7
25
5.7
23.7
6.0
26.2
50
20.0
80.0
20.8
88.4
200
tRFGPIO-HD
0
3.2
14.5
3.4
15.7
25
Table continues on the next page...
I/O parameters
MWCT101XS Data Sheet, Rev. 3, 12/2019
20
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com