Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2460 Datasheet(PDF) 4 Page - Emerson Network Power

Part # 2460
Description  Rosemount??2460 System Hub for tank gauging systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

2460 Datasheet(HTML) 4 Page - Emerson Network Power

  2460 Datasheet HTML 1Page - Emerson Network Power 2460 Datasheet HTML 2Page - Emerson Network Power 2460 Datasheet HTML 3Page - Emerson Network Power 2460 Datasheet HTML 4Page - Emerson Network Power 2460 Datasheet HTML 5Page - Emerson Network Power 2460 Datasheet HTML 6Page - Emerson Network Power 2460 Datasheet HTML 7Page - Emerson Network Power 2460 Datasheet HTML 8Page - Emerson Network Power 2460 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Improved system reliability with redundancy
The system hub can provide redundancy for critical operations by using two identical devices.
The primary system hub is in active mode and the other one is in passive mode. If the primary unit stops working properly the
secondary unit is activated and a failure message is sent to TankMaster (or a DCS system).
Redundancy can be utilized for some or all equipment in the system from the control room to the field devices.
Redundancy is supported on field level as well by using two field devices connected to the same tank for hot redundancy of field
values. It can be a Rosemount 5900 2-in-1, two separate Rosemount 5900 devices, or two separate devices of different types.
Field port redundancy is supported where two field ports can be connected in a ring network where one acts as a hot backup. All
field ports are available for redundancy. It is also possible to use redundancy individually on ports 1-2, ports 3-4, or ports 5-6.
Figure 3: Redundancy
B
A
A
C
C
D
D
B
A. TankMaster client PCs
B. Switch
C. TankMaster servers
D. Rosemount 2460 System Hubs
Rosemount 2460
May 2020
4
Emerson.com/Rosemount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com