Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2460 Datasheet(PDF) 3 Page - Emerson Network Power

Part # 2460
Description  Rosemount??2460 System Hub for tank gauging systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

2460 Datasheet(HTML) 3 Page - Emerson Network Power

  2460 Datasheet HTML 1Page - Emerson Network Power 2460 Datasheet HTML 2Page - Emerson Network Power 2460 Datasheet HTML 3Page - Emerson Network Power 2460 Datasheet HTML 4Page - Emerson Network Power 2460 Datasheet HTML 5Page - Emerson Network Power 2460 Datasheet HTML 6Page - Emerson Network Power 2460 Datasheet HTML 7Page - Emerson Network Power 2460 Datasheet HTML 8Page - Emerson Network Power 2460 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Configurable multiple port connectivity
The Rosemount 2460 has eight slots for communication interface boards. These boards can be individually configured for
communication with hosts or field devices. The Rosemount 2460 supports a number of host communication interface standards
such as Ethernet, TRL2, RS485, and RS232. For field communciation TRL2 and RS485 are supported, as well as other standards such
as Enraf BPM and Digital Current Loop (Whessoe).
Modbus TCP communication to host
One of the system hub’s three Ethernet ports is used for Modbus TCP connection to host systems. By simply connecting the system
hub to the existing LAN network, communication over Ethernet is established:
■ Easy access, no special converters required
■ Fast communication
■ No need for dedicated cabling
■ Can be connected to TankMaster or other hosts
User-defined Modbus mapping
The Rosemount 2460 can easily be integrated into existing hosts as it can be configured to match the existing value mapping of the
current system. It provides flexibility when replacing legacy devices as it can be set up to match the old device without configuring
the host system.
Figure 2: User-Defined Modbus Mapping
C
A
B
D
A. TankMaster PC(1)
B. Rosemount 2460 System Hub
C. Existing legacy HMI(2)
D. Existing DCS(2)
(1) Standard connection to Rosemount 2460.
(2) User-defined Modbus mapping set-up to match the configuration of the legacy data collector.
May 2020
Rosemount 2460
Emerson.com/Rosemount
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com