Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2460 Datasheet(PDF) 14 Page - Emerson Network Power

Part # 2460
Description  Rosemount??2460 System Hub for tank gauging systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

2460 Datasheet(HTML) 14 Page - Emerson Network Power

Back Button 2460 Datasheet HTML 10Page - Emerson Network Power 2460 Datasheet HTML 11Page - Emerson Network Power 2460 Datasheet HTML 12Page - Emerson Network Power 2460 Datasheet HTML 13Page - Emerson Network Power 2460 Datasheet HTML 14Page - Emerson Network Power 2460 Datasheet HTML 15Page - Emerson Network Power 2460 Datasheet HTML 16Page - Emerson Network Power 2460 Datasheet HTML 17Page - Emerson Network Power 2460 Datasheet HTML 18Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Rosemount 2160/2165 emulation
Host protocol, supporting the Rosemount 2160/2165 Field Communication Unit input register mapping. Enables the replacement
of Rosemount 2160/2165 without re-programming the host. The maximum number of tanks is reduced to 32 when using 2160
emulation.
Digital communication protocols
Table 3: Serial Field Communication Ports (1-6)
Supported devices
Protocol
Electrical interface
Baud rate
Port
Rosemount 2410,TankRadar Rex gauges (with
SDAU), IDAU, TankRadar Pro, and TankRadar
TRL2 gauges
Modbus RTU
TRL2
4800
1-6
Rosemount 2410
RS485 (2-wire)
150-38400
Enraf 811, 813, 854, 873, 877, 894, 970, 971,
973, and TOI-B(1)
GPU
Enraf Bi-phase Mark
1200/2400
GPE 31422, 31423
GPE
20 mA Digital Current Loop 150-2400
RS485
150-38400
Whessoe 1315, 1143
WM 550
20 mA Digital Current Loop 150-2400
WM 660
20 mA Digital Current Loop 150-2400
RS485
150-38400
L&J 1500 XL, MCG 2000, L&J MCG 1600
L&J Tankway
L&J Tankway
300-4800
Varec 1800, 1900
Varec Mark/Space Varec Mark/Space
70/250
E+H NRF590 Tank Side Monitor
Modbus
RS485
150-38400
User-defined Modbus devices(2)
LTD (Level, Temperature, Density) SI
6290/7000
LTD (Level, Temperature, Density) Whessoe/
Wärtsilä 1146
Tokyo Keiso
Tokyo Keiso
Tokyo Keiso
2400
Sakura
Sakura V1
Sakura MDP
Sakura
9600
(1)
Enraf 990 uses TOI-B for measurement data.
(2)
Fully configurable up to three device types.
Rosemount 2460
May 2020
14
Emerson.com/Rosemount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com