Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2460 Datasheet(PDF) 13 Page - Emerson Network Power

Part # 2460
Description  Rosemount??2460 System Hub for tank gauging systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

2460 Datasheet(HTML) 13 Page - Emerson Network Power

Back Button 2460 Datasheet HTML 9Page - Emerson Network Power 2460 Datasheet HTML 10Page - Emerson Network Power 2460 Datasheet HTML 11Page - Emerson Network Power 2460 Datasheet HTML 12Page - Emerson Network Power 2460 Datasheet HTML 13Page - Emerson Network Power 2460 Datasheet HTML 14Page - Emerson Network Power 2460 Datasheet HTML 15Page - Emerson Network Power 2460 Datasheet HTML 16Page - Emerson Network Power 2460 Datasheet HTML 17Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Specifications
Communication/configuration specifications
Number of tanks
Each Rosemount 2460 can be configured for up to 64 tanks. The actual number of tanks depends on the electrical interface and
field port configuration. For more information, see Table 2.
Note that each Rosemount 5900S Radar Level Gauge with 2-in-1 functionality corresponds to two tanks.
Number of devices per field port
Table 2 lists the maximum number of devices that can be connected to each Rosemount 2460 field port. Examples of devices are
Rosemount 2410, Rosemount TankRadar Pro, and legacy devices, such as Rosemount TankRadar Rex and Rosemount TankRadar
TRL2.
Table 2: Number of Devices
Interface
Maximum number of devices connected to each field port
RS485(1)
16
TRL2(2)
8
Enraf BPM
10
Digital Current Loop 0-20 mA (DCL)(3)
10(4)
L&J
10(5)
Varec
10(5)
(1)
Devices such as E+H NRF590 Tank Side Monitor (TSM), devices using TSM Modbus mapping, Whessoe, GPE, SI-6290/7000, Wärtsilä 1146, and
user-defined Modbus devices are supported.
(2)
Devices such as Rosemount 2410 Tank Hub, Rosemount TankRadar Rex, Rosemount TankRadar Pro, TRL2 gauges, and DAU are supported.
(3)
Devices such as Whessoe and GPE are supported.
(4)
Up to 32 devices are supported when using external power.
(5)
In certain situations, more than 10 devices may work. Contact Emerson Automation Solutions/Tank Gauging Service Department for advice.
Number of ports
Interface
Number of ports
Modem(1)
8
Ethernet(2)
3
USB(2)
1
SD(2)
1
(1)
For more information, see Table 4 and Table 3.
(2)
For more information, see Table 6.
Modem ports can be configured for either field or host communication according to the model code. For more information, see
Table 5.
Hosts
See Table 4 and Table 5.
May 2020
Rosemount 2460
Emerson.com/Rosemount
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com