Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE40LP Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ICE40LP
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 4Page - Lattice Semiconductor ICE40LP Datasheet HTML 5Page - Lattice Semiconductor ICE40LP Datasheet HTML 6Page - Lattice Semiconductor ICE40LP Datasheet HTML 7Page - Lattice Semiconductor ICE40LP Datasheet HTML 8Page - Lattice Semiconductor ICE40LP Datasheet HTML 9Page - Lattice Semiconductor ICE40LP Datasheet HTML 10Page - Lattice Semiconductor ICE40LP Datasheet HTML 11Page - Lattice Semiconductor ICE40LP Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
8
FPGA-DS-02029-3.5
3. Architecture
3.1. Architecture Overview
The iCE40 LP/HX family architecture contains an array of Programmable Logic Blocks (PLB), sysCLOCK™ PLLs,
Nonvolatile Programmable Configuration Memory (NVCM) and blocks of sysMEM Embedded Block RAM (EBR)
surrounded by Programmable I/O (PIO). Figure 3.1 shows the block diagram of the iCE40LP/HX1K device.
Programmable
Lo gic Block (PLB)
I/O Bank 0
Programmable Interconnect
I/O Bank 2
NVCM
Flip-flop with Enable
and Reset Controls
Non-volatile
Configuration Memory
(NVCM)
Phase-Locked
Loop
Carry Logic
4-Input Look-up
Table (LUT4)
PLL
SPI
Bank
Figure 3.1. iCE40LP/HX1K Device, Top View
The logic blocks, Programmable Logic Blocks (PLB) and sysMEM EBR blocks, are arranged in a two-dimensional grid with
rows and columns. Each column has either logic blocks or EBR blocks. The PIO cells are located at the periphery of the
device, arranged in banks. The PLB contains the building blocks for logic, arithmetic, and register functions. The PIOs
utilize a flexible I/O buffer referred to as a sysI/O buffer that supports operation with a variety of interface standards.
The blocks are connected with many vertical and horizontal routing channel resources. The place and route software
tool automatically allocates these routing resources.
In the iCE40 LP/HX family, there are up to four independent sysI/O banks. Note on some packages VCCIO banks are tied
together. There are different types of I/O buffers on the different banks. Refer to the details in later sections of this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com