Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE40LP Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # ICE40LP
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 24Page - Lattice Semiconductor ICE40LP Datasheet HTML 25Page - Lattice Semiconductor ICE40LP Datasheet HTML 26Page - Lattice Semiconductor ICE40LP Datasheet HTML 27Page - Lattice Semiconductor ICE40LP Datasheet HTML 28Page - Lattice Semiconductor ICE40LP Datasheet HTML 29Page - Lattice Semiconductor ICE40LP Datasheet HTML 30Page - Lattice Semiconductor ICE40LP Datasheet HTML 31Page - Lattice Semiconductor ICE40LP Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
28
FPGA-DS-02029-3.5
4.18. Typical Building Block Function Performance – LP Devices*
4.18.1. Pin-to-Pin Performance (LVCMOS25) – LP Devices
Table 4.18. Pin-to-Pin Performance (LVCMOS25) – LP Devices
Function
Timing
Units
Basic Functions
16-bit decoder
11.0
ns
4:1 MUX
12.0
ns
16:1 MUX
13.0
ns
4.18.2. Register-to-Register Performance – LP Devices
Table 4.19. Register-to-Register Performance – LP Devices
Function
Timing
Units
Basic Functions
16:1 MUX
190
MHz
16-bit adder
160
MHz
16-bit counter
175
MHz
Embedded Memory Functions
256 x 16 Pseudo-Dual Port RAM
240
MHz
*Notes:
The above timing numbers are generated using the iCECube2 design tool. Exact performance may vary with device and tool
version. The tool uses internal parameters that have been characterized but are not tested on every device.
Using a VCC of 1.14 V at Junction Temp 85 °C.
4.19. Typical Building Block Function Performance – HX Devices*
4.19.1. Pin-to-Pin Performance (LVCMOS25) – HX Devices
Table 4.20. Pin-to-Pin Performance (LVCMOS25) – HX Devices
Function
Timing
Units
Basic Functions
16-bit decoder
10.0
ns
4:1 MUX
9.0
ns
16:1 MUX
9.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com