Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE40LP Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # ICE40LP
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 16Page - Lattice Semiconductor ICE40LP Datasheet HTML 17Page - Lattice Semiconductor ICE40LP Datasheet HTML 18Page - Lattice Semiconductor ICE40LP Datasheet HTML 19Page - Lattice Semiconductor ICE40LP Datasheet HTML 20Page - Lattice Semiconductor ICE40LP Datasheet HTML 21Page - Lattice Semiconductor ICE40LP Datasheet HTML 22Page - Lattice Semiconductor ICE40LP Datasheet HTML 23Page - Lattice Semiconductor ICE40LP Datasheet HTML 24Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
20
FPGA-DS-02029-3.5
4.3. Power Supply Ramp Rates
Table 4.3. Power Supply Ramp Rates*
Symbol
Parameter
Min
Max
Unit
t
RAMP
Power supply ramp rates for all
power supplies
All configuration modes. No power
supply sequencing.
0.40
10
V/ms
Configuring from Slave SPI. No power
supply sequencing,
0.01
10
V/ms
Configuring from NVCM. VCC and VPP_2V5
to be powered 0.25 ms before VCC_SPI.
0.01
10
V/ms
Configuring from MSPI. VCC and VPP_SPI to
be powered 0.25 ms before VPP_2V5.
0.01
10
V/ms
Notes:
Assumes monotonic ramp rates.
iCE40LP384 requires VCC to be greater than 0.7 V when VCCIO and VCC_SPI are above GND.
4.4. Power-On-Reset Voltage Levels
Table 4.4. Power-On-Reset Voltage Levels*
Symbol
Device
Parameter
Min
Max
Unit
V
PORUP
iCE40LP384
Power-On-Reset ramp-up trip point (band gap
based circuit monitoring VCC, VCCIO_2, VCC_SPI
and VPP_2V5)
V
CC
0.67
0.99
V
VCCIO_2
0.70
1.59
V
V
CC_SPI
0.70
1.59
V
V
PP_2V5
0.70
1.59
V
iCE40LP640,
iCE40LP/HX1K,
iCE40LP/HX4K,
iCE40LP/HX8K
Power-On-Reset ramp-up trip point (band gap
based circuit monitoring VCC, VCCIO_2, VCC_SPI
and VPP_2V5)
V
CC
0.55
0.75
V
VCCIO_2
0.86
1.29
V
V
CC_SPI
0.86
1.29
V
V
PP_2V5
0.86
1.33
V
VPORDN
iCE40LP384
Power-On-Reset ramp-down trip point (band gap
based circuit monitoring VCC, VCCIO_2, VCC_SPI
and VPP_2V5)
V
CC
—
0.64
V
VCCIO_2
—
1.59
V
V
CC_SPI
—
1.59
V
V
PP_2V5
—
1.59
V
iCE40LP640,
iCE40LP/HX1K,
iCE40LP/HX4K,
iCE40LP/HX8K
Power-On-Reset ramp-down trip point (band gap
based circuit monitoring VCC, VCCIO_2, VCC_SPI
and VPP_2V5)
V
CC
—
0.75
V
VCCIO_2
—
1.29
V
V
CC_SPI
—
1.29
V
V
PP_2V5
—
1.33
V
*Note: These POR trip points are only provided for guidance. Device operation is only characterized for power supply voltages
specified under recommended operating conditions.
4.5. ESD Performance
Please refer to the iCE40 Product Family Qualification Summary for complete qualification data, including ESD performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com