Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE40LP Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # ICE40LP
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 9Page - Lattice Semiconductor ICE40LP Datasheet HTML 10Page - Lattice Semiconductor ICE40LP Datasheet HTML 11Page - Lattice Semiconductor ICE40LP Datasheet HTML 12Page - Lattice Semiconductor ICE40LP Datasheet HTML 13Page - Lattice Semiconductor ICE40LP Datasheet HTML 14Page - Lattice Semiconductor ICE40LP Datasheet HTML 15Page - Lattice Semiconductor ICE40LP Datasheet HTML 16Page - Lattice Semiconductor ICE40LP Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
13
Table 3.4. sysMEM Block Configurations*
Block RAM
Configuration
Block RAM
Configuration
and Size
WADDR Port
Size (Bits)
WDATA Port
Size (Bits)
RADDR Port
Size (Bits)
RDATA Port
Size (Bits)
MASK Port
Size (Bits)
SB_RAM256x16
SB_RAM256x16NR
SB_RAM256x16NW
SB_RAM256x16NRNW
256 x 16 (4 k)
8 [7:0]
16 [15:0]
8 [7:0]
16 [15:0]
16 [15:0]
SB_RAM512x8
SB_RAM512x8NR
SB_RAM512x8NW
SB_RAM512x8NRNW
512 x 8 (4 k)
9 [8:0]
8 [7:0]
9 [8:0]
8 [7:0]
No Mask Port
SB_RAM1024x4
SB_RAM1024x4NR
SB_RAM1024x4NW
SB_RAM1024x4NRNW
1024 x 4 (4 k)
10 [9:0]
4 [3:0]
10 [9:0]
4 [3:0]
No Mask Port
SB_RAM2048x2
SB_RAM2048x2NR
SB_RAM2048x2NW
SB_RAM2048x2NRNW
2048 x 2 (4 k)
11 [10:0]
2 [1:0]
11 [10:0]
2 [1:0]
No Mask Port
*Note: For iCE40 LP/HX EBR primitives with a negative-edged Read or Write clock, the base primitive name is appended with a ‘N’
and a ‘R’ or W depending on the clock that is affected.
3.1.5.2. RAM Initialization and ROM Operation
If desired, the contents of the RAM can be pre-loaded during device configuration.
By preloading the RAM block during the chip configuration cycle and disabling the write controls, the sysMEM block
can also be utilized as a ROM.
Note that the sysMEM Embedded Block RAM Memory address 0 cannot be initialized.
3.1.5.3. Memory Cascading
Larger and deeper blocks of RAM can be created using multiple EBR sysMEM Blocks.
3.1.5.4. RAM4k Block
Figure 3.4 shows the 256 x 16 memory configurations and their input/output names. In all the sysMEM RAM modes,
the input data and addresses for the ports are registered at the input of the memory array.
WCLK
WE
RE
WCLKE
RCLKE
RCLK
WDATA[15:0]
RDATA[15:0]
MASK[15:0]
WADDR[7:0]
RADDR[7:0]
Write Port
Read Port
RAM4K
RAM Block
(256 x 16)
Figure 3.4. sysMEM Memory Primitives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com