Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL-F Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 94Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 95Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 96Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 97Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 98Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 99Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 100Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 101Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 124 page
background image
X11SSM(-F)/X11SSL(-F) User Manual
98
iSCSi Configuration
iSCSI Initiator Name
This feature allows the user to enter the unique name of the iSCSI Initiator in IQN format.
Once the name of the iSCSI Initiator is entered into the system, configure the proper settings
for the following items.
Add an Attempt
Delete Attempts
Change Attempt order
Intel I210 Gigabit Network Connection - OC:C4:7A:1A:44:CE
NIC Configuration
Link Speed
This feature allows the user to specify the port speed used for the selected boot protocol.
The options are
Auto Negotiated, 10 Mbps Half, 10 Mbps Full, 100 Mbps Half, and 100
Mbps Full.
Wake On LAN
Select Enabled for Wake_On_LAN support, which will allow the system to "wake up" when
an onboard device receives an incoming signal. The options are
Disabled and Enabled.
Blink LEDs
Use this feature to identify the physical network port by blinking the associated LED. Use the
keybaord to select a value.
UEFI Driver
This item displays the UEFI driver version.
Adapter PBA
This item displays the Processor Bus Adapter (PBA) model number. The PBA number is a
nine digit number (i.e., 010B00-000) located near the serial number.
Device Name
This item displays the adapter device name.
Chip Type
This item displays the network adapter chipset name.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com