Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL-F Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 35Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 36Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 37Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 38Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 39Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 40Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 41Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 42Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
39
Chapter 2: Installation
Universal Serial Bus (USB) Ports
There are two USB 2.0 ports (USB0/1) and two USB 3.0 ports (USB6/7) located on the I/O
back panel. The motherboard also has two front access USB 2.0 headers (USB2/3 and
USB4/5) and one front access USB 3.0 header (USB8/9). The USB10 header is USB 3.0
Type A. The onboard headers can be used to provide front side USB access with a cable
(not included).
Back Panel USB (2.0) 0/1
Pin Definitions
Pin#
Definition
Pin#
Definition
1
+5V
5
+5V
2
USB_N
6
USB_N
3
USB_P
7
USB_P
4
Ground
8
Ground
Front Panel USB (2.0) 2/3, 4/5
Pin Definitions
Pin#
Definition
Pin#
Definition
1
+5V
2
+5V
3
USB_N
4
USB_N
5
USB_P
6
USB_P
7
Ground
8
Ground
9
Key
10
NC
Back Panel USB 6/7 (3.0)
Pin Definitions
Pin#
Definition
Pin#
Definition
1
VBUS
19
Power
2
Stda_SSRX-
18
USB3_RN
3
Stda_SSRX+
17
USB3_RP
4
GND
16
GND
5
Stda_SSTX-
15
USB3_TN
6
Stda_SSTX+
14
USB3_TP
7
GND
13
GND
8
D-
12
USB_N
9
D+
11
USB_P
10
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com