Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL-F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 9Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 10Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 11Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 12Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 13Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 14Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 15Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 16Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
13
Chapter 1: Introduction
Note: Table is continued on the next page.
Quick Reference Table
Jumper
Description
Default Setting
JI2C1/JI2C2
SMB to PCI Slots
Pins 1-2 (Enabled)
JBR1
BIOS Recovery
Pins 1-2 (Normal)
JBT1
Clear CMOS
See Chapter 2
JPB1
BMC Enable/Disable
Pins 1-2 (Enabled)
JPG1
VGA Enable
Pins 1-2 (Enabled)
JPL1/JPL2
LAN1/LAN2 Enable
Pins 1-2 (Enabled)
JPME2
Manufacturing Mode Select
Pins 1-2 (Normal)
JWD1
Watch Dog Enable
Pins 1-2 (Reset)
LED
Description
Status
LE1
Rear UID LED
Bllue: On; Unit Identified
LEDBMC
BMC Heartbeat LED
Green: Blinking; BMC Normal
LEDPWR
Onboard Power LED
Green: Solid On; Power On
Connector
Description
BT1
Onboard Battery
COM1
COM1 Port Header
COM2
COM2 Port Header [X11SSM(-F) only]
FAN1-FAN4, FANA
System/CPU Fan Headers
IPMI LAN
Dedicated IPMI Gigabit (RJ45) Port (X11SSM-F & X11SSL-F only)
I-SATA0-I-SATA5
(Intel PCH) Serial ATA (SATA) 3.0 Ports
I-SATA6 & I-SATA7
(Intel PCH) Serial ATA (SATA) 3.0 Ports [X11SSM(-F) only]
I-SGPIO 1/2
Serial Link General Purpose I/O Connection Headers 1/2
JD1
Speaker/Power LED Indicator
JF1
Front Control Panel Header
JIPMB1
4-pin External BMC I2C Header (for an IPMI Card)
JL1
Chassis Intrusion Header
JPI2C1
Power System Management Bus (Power SMB)
JOH1
Overheat LED Indicator
JPWR1
24-pin ATX Main Power Connector (Required)
JPWR2
+12V 8-pin Power Connector (Required)
JSD1/JSD2
SATA DOM (Device_On_Module) Power Connectors
JSTBY1
Inject External P5V_STBY Power
JTPM1
Trusted Platform Module/Port 80 Connector
JUIDB1
Unit Identifier Switch
LAN1/LAN2
Gigabit (RJ45) Ports (LAN1/2)
PCI-E (CPU) Slot 7
PCI-Express 3.0 x8 Slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com