Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL-F Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 17Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 18Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 19Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 20Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 21Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 22Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 23Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 24Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
21
Chapter 1: Introduction
In addition to enabling operating system-directed power management, ACPI also provides a
generic system event mechanism for Plug and Play, and an operating system-independent
interface for configuration control. ACPI leverages the Plug and Play BIOS data structures,
while providing a processor architecture-independent implementation that is compatible with
Windows 7, Windows 8, and Windows 2012 Operating Systems.
1.6 Power Supply
As with all computer products, a stable power source is necessary for proper and reliable
operation. It is even more important for processors that have high CPU clock rates.
The X11SSM(-F)/X11SSL(-F) motherboard accommodates 24-pin ATX power supplies.
Although most power supplies generally meet the specifications required by the CPU, some
are inadequate. In addition, One 12V 8-pin power connection is also required to ensure
adequate power supply to the system.
Warning: To avoid damaging the power supply or the motherboard, be sure to use a
power supply that contains a 24-pin and one 8-pin power connector. Be sure to con-
nect the power supplies to the 24-pin power connector (JPWR1), and the 8-pin power
connector (JPWR2) on the motherboard. Failure in doing so may void the manufacturer
warranty on your power supply and motherboard.
It is strongly recommended that you use a high quality power supply that meets ATX power
supply Specification 2.02 or above. It must also be SSI compliant. (For more information,
please refer to the website at http://www.ssiforum.org/). Additionally, in areas where noisy
power transmission is present, you may choose to install a line filter to shield the computer
from noise. It is recommended that you also install a power surge protector to help avoid
problems caused by power surges.
1.7 Serial Port
The X11SSM(-F) motherboard supports two serial communication connections. X11SSL(-F)
supports COM Port 1 only. COM Ports 1 and 2 can be used for input/output. The UART
provides legacy speeds with a baud rate of up to 115.2 Kbps as well as an advanced speed
with baud rates of 250 K, 500 K, or 1 Mb/s, which support high-speed serial communication
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com