Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8702ACP-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADD8702ACP-R2
Description  12-Channel Gamma Buffers with Vcom Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8702ACP-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADD8702ACP-R2 Datasheet HTML 1Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 2Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 3Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 4Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 5Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 6Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 7Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
–4–
ADD8702–Typical Performance Characteristics
SUPPLY VOLTAGE (V)
12
10
0
04
16
812
8
6
4
2
TA = 25 C
TPC 1. Supply Current vs.
Supply Voltage
FREQUENCY (Hz)
30M
100k
1M
10M
10
0
–20
–30
–40
–10
VDD = 16V
GAMMA 10 TO 12
2k , 10k
150
TPC 4. Frequency Response
vs. Resistive Loading
FREQUENCY (Hz)
30M
100k
1M
10M
20
0
–10
–30
10
VDD = 16V
GAMMA 10 TO 12
50pF
–20
100pF
340pF
540pF
1040pF
TPC 7. Frequency Response
vs. Capacitive Loading
TEMPERATURE ( C)
12
11
5
–40
85
25
8
6
7
10
9
VDD = 16V
TPC 2. Supply Current vs.
Temperature
FREQUENCY (Hz)
30M
100k
1M
10M
10
0
–20
–30
–50
–10
VDD = 16V
VCOM
2k , 10k
150
–40
TPC 5. Frequency Response
vs. Resistive Loading
FREQUENCY (Hz)
30M
100k
1M
10M
20
0
–10
–30
10
VDD = 16V
VCOM
50pF
–20
100pF
340pF
540pF
1040pF
TPC 8. Frequency Response
vs. Capacitive Loading
FREQUENCY (Hz)
100k
30M
1M
10M
10
0
–20
–30
–40
–10
2k , 10k
150
VDD = 16V
GAMMA 1 TO 9
TPC 3. Frequency Response
vs. Resistive Loading
FREQUENCY (Hz)
30M
100k
1M
10M
20
0
–10
–30
10
VDD = 16V
GAMMA 1 TO 9
50pF
–20
100pF
340pF
540pF
1040pF
TPC 6. Frequency Response
vs. Capacitive Loading
CAPACITIVE LOAD (pF)
180
40
0
200
1,200
400
600
800
1,000
160
140
120
80
60
100
VDD = 16V
GAMMA 1 TO 12
RL = 2k
GAMMA 12
GAMMA 1
TPC 9. Input and Output Phase
Shift vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com