Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8702ACP-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADD8702ACP-R2
Description  12-Channel Gamma Buffers with Vcom Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8702ACP-R2 Datasheet(HTML) 6 Page - Analog Devices

  ADD8702ACP-R2 Datasheet HTML 1Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 2Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 3Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 4Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 5Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 6Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 7Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
–6–
ADD8702
FREQUENCY (Hz)
100
1k
10M
10k
100k
1M
80
60
–120
40
20
0
–20
–40
–60
–80
–100
PSRR
ALL CHANNELS
VDD = 8V
TA = 25 C
TPC 20. Power Supply Rejection
Ratio vs. Frequency
VDD = 16V
BUFFERS 10 TO 12
MARKER SET @ 10kHz
MARKER READING = 36.6nV/ Hz
FREQUENCY (Hz)
05
10
15
20
25
–10
0
10
20
30
40
50
60
70
TPC 23. Voltage Noise Density
vs. Frequency
TIME (40 s/DIV)
TPC 21. No Phase Reversal
OUTPUT VOLTAGE ERROR (mV)
6,000
3,000
0
–22
–14
–6
2
10
182634
5,000
4,000
2,000
1,000
VDD = 16V
TA = 25 C
ALL CHANNELS
TPC 19. Output Voltage Error
Distribution
VDD = 16V
VCOM AND BUFFERS 1 TO 9
MARKER SET @ 10kHz
MARKER READING = 25.7nV/ Hz
FREQUENCY (Hz)
05
10
15
20
25
–10
0
10
20
30
40
50
60
70
TPC 22. Voltage Noise Density
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com