Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8702ACP-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADD8702ACP-R2
Description  12-Channel Gamma Buffers with Vcom Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8702ACP-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADD8702ACP-R2 Datasheet HTML 1Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 2Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 3Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 4Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 5Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 6Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 7Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADD8702
12-Channel Gamma Buffers
with VCOM Buffer
PANEL
TIMING
CONTROLLER
TIMING AND CONTROL
SCAN DRIVER CONTROL
GAMMA
REFERENCE
VOLTAGES
GAMMA
VCOM
R
384
SOURCE DRIVER
NO. 1
768
SCAN
DRIVERS
TFT COLOR PANEL
1024
768
384
SOURCE DRIVER
NO. 2
384
SOURCE DRIVER
NO. 8
ADD8702
G
B
Figure 1. Typical SVGA TFT LCD Application
FUNCTIONAL BLOCK DIAGRAM
GND
VDD
VGMA6
VGMA5
VGMA4
VGMA3
VGMA2
VGMA1
24
23
22
21
20
19
18
17
VDD
VCOM ADJ
VHIGH
VIN11
VIN10
VIN9
VIN8
VIN7
9
10
11
12
13
14
15
16
32
31
30
26
28
27
26
25
1
2
3
4
5
6
7
8
FEATURES
Programmable 12-Channel Gamma Reference Generator
Mask Programmable Adjustable VCOM Buffer
Upper/Lower Outputs Swing to VDD/GND
Continuous Output Current: 10 mA
VCOM Peak Output Current: 250 mA
Outputs with Fast Settling Time for Load Change
Output Pins Are Compatible with ADD8701
Single-Supply Operation: 7 V to 16 V
Supply Current: 15 mA Max
APPLICATIONS
TFT LCD Panels
GENERAL DESCRIPTION
The ADD8702 is a low cost, mask programmable, 12-channel
gamma reference generator, plus an adjustable VCOM driver. This
part is designed to provide gamma correction for high resolution
TFT LCD panels. The 12 gamma reference levels and VCOM are
mask programmable to 0.3% resolution using the on-chip 500
chain resistor string. This reduces component and board costs.
The ADD8702 provides a complete programmed set of gamma
voltage references for the LCD source drivers. These references
settle quickly to load change. The VCOM output is stable with
high capacitive loads and can source or sink 250 mA peak cur-
rent. The VCOM output level can be adjusted using an external
trim-potentiometer or discrete resistors.
The output pins are compatible with the ADD8701. This allows
for single board design and fast turns for prototyping using the
initial ADD8701 board design.
The ADD8702 is specified over the temperature range of –40
°C
to +85
°C and comes in the 32-lead lead frame chip scale pack-
age (LFCSP) for compact board space.


Similar Part No. - ADD8702ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
More results

Similar Description - ADD8702ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
10/04-Data Sheet Changed from Rev. 0 to Rev. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
Programmable Gamma and VCOM Buffers
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com