Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8702ACP-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADD8702ACP-R2
Description  12-Channel Gamma Buffers with Vcom Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8702ACP-R2 Datasheet(HTML) 7 Page - Analog Devices

  ADD8702ACP-R2 Datasheet HTML 1Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 2Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 3Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 4Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 5Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 6Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 7Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADD8702
–7–
APPLICATIONS
Figure 1 is a block diagram of the configuration of an XGA-
compatible (1024
768) TFT color panel with the ADD8702
providing gamma correction reference voltages to the source
drivers and an integrated VCOM driver for LCD common node.
BUFFER
16V
RNULL
CT
RL
Figure 2. Bandwidth Measurement Information
Panel size and resolution determine the number of gamma
reference voltages required. For a 256-grayscale level, 8-bit color
scheme, 6
2 external reference nodes should be sufficient to
match the characteristics of the LCD driver to the characteristics
of the actual LCD panel for improved picture quality. External
reference gamma correction voltages are often generated using
a simple resistor ladder. Using the ADD8702, the resistor
ladder is incorporated in the IC for reduced cost and number
of components.
BUFFER
16V
5V
33
1k
10V
5V
0V
0.1 s
VTH
VTH
Figure 3. Transient Load Regulation Test Circuit
The ADD8702 is designed to meet the rail-to-rail capability
needed by the application, yet offers the lowest cost per channel
solution. The ADD8702 gamma buffers offer 10 mA continuous
drive current capability. To be more competitive, the design
maximizes the die area by allowing specific channels to swing to
the positive rail and negative rail. So it is imperative that the
channels swinging close to the supply rail be used for the posi-
tive gamma references and the channels swinging close to GND
be used for the negative gamma references. The VCOM buffer can
handle up to 35 mA continuous output current and can drive up
to 1,000 pF pure capacitive load. Provision is available to adjust
the VCOM voltage to a desired level. Refer to Figure 4 for an
example of an application circuit for adjusting the output of the
VCOM buffer.
GMA 12
GMA 11
GMA 10
GMA 9
GMA 8
GMA 7
GMA 6
GMA 5
GMA 4
GMA 3
GMA 2
GMA 1
ADD8702
LCD SOURCE DRIVER
A1
LCD COMMON PLANE
VCOM AMP
2k
32k
VDD
GND
VCOM ADJUST
A5
A4
A3
A2
A10
A8
A7
A6
A9
A12
A11
VLOW
VIN5
VIN4
VIN3
VIN2
VIN10
VIN8
VIN7
VIN6
VIN9
VHIGH
VIN11
Figure 4. Application Circuit
Table I. ADD8702 – 000 Mask Option, Resistor Tap Points
(0
≤ ≤ 500) V
DD = 12.5 V, VHIGH = 12.5 V, and VLOW = GND
Tap Point ( )
Voltage
Unit
VGMA1
8
0.2
V
VGMA2
57
1.43
V
VGMA3
84
2.11
V
VGMA4
115
2.89
V
VGMA5
139
3.48
V
VGMA6
194
4.86
V
VGMA7
218
5.45
V
VGMA8
298
7.45
V
VGMA9
371
9.29
V
VGMA10
418
10.45
V
VGMA11
442
11.04
V
VGMA12
488
12.2
V
VCOM
200
5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com