Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3986 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD3986
Description  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD3986 Datasheet HTML 4Page - STMicroelectronics LD3986 Datasheet HTML 5Page - STMicroelectronics LD3986 Datasheet HTML 6Page - STMicroelectronics LD3986 Datasheet HTML 7Page - STMicroelectronics LD3986 Datasheet HTML 8Page - STMicroelectronics LD3986 Datasheet HTML 9Page - STMicroelectronics LD3986 Datasheet HTML 10Page - STMicroelectronics LD3986 Datasheet HTML 11Page - STMicroelectronics LD3986 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LD3986 SERIES
9/12
source used to drive the EN input must be able to
swing above and below the specified turn-on/off
voltage
thresholds
listed
in
the
Electrical
Characteristics section under Enable Input Logic
Low and Enable Input Logic High.
Proper operation of the Enable function is
guaranteed by driving EN pins with TR and TF = 10
ms.
FAST ON-TIME
The LD3986 outputs are turned on after VREF
voltage reaches its final value (1.23V nominal). To
speed up this process, the noise reduction
capacitor at the bypass pin is charged with an
internal 70µA current source. The current source
is turned off when the bandgap voltage reaches
approximately 95% of its final value. The turn on
time is determined by the time constant of the
bypass capacitor. The smaller the capacitor value,
the shorter the turn on time, but less noise gets
reduced. As a result, turn on time and noise
reduction
need
to
be
taken
into
design
consideration when choosing the value of the
bypass capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com