Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3986 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD3986
Description  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986 Datasheet(HTML) 3 Page - STMicroelectronics

  LD3986 Datasheet HTML 1Page - STMicroelectronics LD3986 Datasheet HTML 2Page - STMicroelectronics LD3986 Datasheet HTML 3Page - STMicroelectronics LD3986 Datasheet HTML 4Page - STMicroelectronics LD3986 Datasheet HTML 5Page - STMicroelectronics LD3986 Datasheet HTML 6Page - STMicroelectronics LD3986 Datasheet HTML 7Page - STMicroelectronics LD3986 Datasheet HTML 8Page - STMicroelectronics LD3986 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LD3986 SERIES
3/12
Figure 2: Pin Connection (top through view)
Table 4: Pin Description
Figure 3: Typical Application Circuit
Symbol
Pin N°
Name and Function
VO2
A1
Output Voltage 2 of the dual LDO
EN2
B1
Enables voltage for output voltage 2: ON MODE when VEN ≥ 1.4V, OFF MODE when VEN
0.4V (Do not leave floating, not internally pulled down/up)
BYPASS
C1
Bypass Pin: Connect an external capacitor (usually 10nF) to minimize noise voltage
GND
C2
Common Ground
GND
C3
Common Ground
EN1
B3
Enables voltage for output voltage 1: ON MODE when VEN ≥ 1.4V, OFF MODE when VEN
0.4V (Do not leave floating, not internally pulled down/up)
VO1
A3
Output Voltage 1 of the dual LDO
VI
A2
Input Voltage for both LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com