Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3986 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD3986
Description  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986 Datasheet(HTML) 2 Page - STMicroelectronics

  LD3986 Datasheet HTML 1Page - STMicroelectronics LD3986 Datasheet HTML 2Page - STMicroelectronics LD3986 Datasheet HTML 3Page - STMicroelectronics LD3986 Datasheet HTML 4Page - STMicroelectronics LD3986 Datasheet HTML 5Page - STMicroelectronics LD3986 Datasheet HTML 6Page - STMicroelectronics LD3986 Datasheet HTML 7Page - STMicroelectronics LD3986 Datasheet HTML 8Page - STMicroelectronics LD3986 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LD3986 SERIES
2/12
Table 1: Order Codes
(*) Available on Request.
Table 2: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 3: Thermal Data
Flip-Chip
Flip-Chip (Lead Free)
1 OUTPUT VOLTAGES
2 OUTPUT VOLTAGES
LD3986J122R-E
1.22 V
1.22 V
LD3986J12248R
LD3986J12248R-E
1.22 V
4.8 V
LD3986J1828R-E
1.8 V
2.8 V
LD3986J2528R-E (*)
2.5 V
2.8 V
LD3986J28R-E
2.8 V
2.8 V
LD3986J285R
LD3986J285R-E
2.85 V
2.85 V
LD3986J29R-E (*)
2.9 V
2.9 V
LD3986J30R-E (*)
3.0 V
3.0 V
LD3986J2830R-E (*)
2.8 V
3.0 V
LD3986J3133R-E (*)
3.1 V
3.3 V
LD3986J33R-E
3.3 V
3.3 V
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
-0.3 to 6
V
VO1,2
DC Output Voltage
-0.3 to VI+0.3
V
VEN1,2
ENABLE Input Voltage
-0.3 to VI+0.3
V
IO
Output Current
Internally limited
PD
Power Dissipation
Internally limited
TSTG
Storage Temperature Range
-65 to 150
°C
TOP
Operating Junction Temperature Range
-40 to 125
°C
Symbol
Parameter
Flip-Chip
Unit
Rthj-amb
Thermal Resistance Junction-Ambient
120
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com