Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3986 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD3986
Description  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986 Datasheet(HTML) 1 Page - STMicroelectronics

  LD3986 Datasheet HTML 1Page - STMicroelectronics LD3986 Datasheet HTML 2Page - STMicroelectronics LD3986 Datasheet HTML 3Page - STMicroelectronics LD3986 Datasheet HTML 4Page - STMicroelectronics LD3986 Datasheet HTML 5Page - STMicroelectronics LD3986 Datasheet HTML 6Page - STMicroelectronics LD3986 Datasheet HTML 7Page - STMicroelectronics LD3986 Datasheet HTML 8Page - STMicroelectronics LD3986 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2005
s
INPUT VOLTAGE FROM 2.5V TO 6V
s
STABLE WITH LOW ESR CERAMIC
CAPACITORS
s
ULTRA LOW DROPOUT VOLTAGE (60mV
TYP. AT 150mA LOAD, 0.4mV TYP. AT 1mA
LOAD)
s
VERY LOW QUIESCENT CURRENT (155µA
TYP. AT NO LOAD, 290µA TYP. AT 150mA
LOAD; MAX 2µA IN OFF MODE)
s
GUARANTEED OUTPUT CURRENT UP TO
150mA FOR BOTH OUTPUTS
s
DUAL OUTPUT VOLTAGES
s
FAST TURN-ON TIME: TYP. 120µs (CO=1µF,
CBYP=10nF AND IO=1mA)
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
INTERNAL CURRENT AND THERMAL LIMIT
s
OUTPUT LOW NOISE VOLTAGE 30µVRMS
OVER 10Hz to 100KHz
s
S.V.R. OF 50dB AT 1KHz, 40dB AT 10KHz
s
TEMPERATURE RANGE: -40°C TO 125°C
DESCRIPTION
The LD3986 provides up to 150mA at each output,
from 2.5V to 6V input voltage. The ultra low
drop-voltage, low quiescent current and low noise
make it suitable for low power applications and in
battery
powered
systems.
Regulator
ground
current increases only slightly in dropout, further
prolonging the battery life. Power supply rejection
is 50 dB at 1KHz and 40 dB at 10KHz. High power
supply rejection is maintained down to low input
voltage levels
common
to battery operated
circuits. Shutdown Logic Control function is
available for each output, this means that when
the device is used as local regulator, it is possible
to put a part of the board in standby, decreasing
the total power consumption. The LD3986 is
designed
to
work
with
low
ESR
ceramic
capacitors. Typical applications are in mobile
phone and similar battery powered wireless
systems.
LD3986
SERIES
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE
REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
Figure 1: Schematic Diagram
Flip-Chip
Rev. 3


Similar Part No. - LD3986

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3980 STMICROELECTRONICS-LD3980 Datasheet
243Kb / 16P
Low drop - Low supply voltage Low ESR capacitor compatible
05-Dec-2006
LD3980PM08R STMICROELECTRONICS-LD3980PM08R Datasheet
243Kb / 16P
Low drop - Low supply voltage Low ESR capacitor compatible
05-Dec-2006
LD3980PM12R STMICROELECTRONICS-LD3980PM12R Datasheet
243Kb / 16P
Low drop - Low supply voltage Low ESR capacitor compatible
05-Dec-2006
LD3980PM135R STMICROELECTRONICS-LD3980PM135R Datasheet
243Kb / 16P
Low drop - Low supply voltage Low ESR capacitor compatible
05-Dec-2006
LD3980PM13R STMICROELECTRONICS-LD3980PM13R Datasheet
243Kb / 16P
Low drop - Low supply voltage Low ESR capacitor compatible
05-Dec-2006
More results

Similar Description - LD3986

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
10-Jul-2008
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Aug-2008
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
Low ESR Low Drop Out Voltage Regulators
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
LD2982BXX18 STMICROELECTRONICS-LD2982BXX18 Datasheet
333Kb / 17P
Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
29-Jul-2009
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Jan-2009
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com