Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16704 Datasheet(PDF) 8 Page - NEC

Part # UPD16704
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16704 Datasheet(HTML) 8 Page - NEC

Back Button UPD16704 Datasheet HTML 4Page - NEC UPD16704 Datasheet HTML 5Page - NEC UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC UPD16704 Datasheet HTML 10Page - NEC UPD16704 Datasheet HTML 11Page - NEC UPD16704 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet S15809EJ1V0DS
8
µµµµ PD16704
(2/2)
Pin Symbol
Pin Name
Pad No
I/O
Description
VSS
Logic ground
30 - 33
–
Connect this pin to the ground of the system.
VEE1
Negative power
supply for internal
operation
7 - 10,
39 - 42
–
–15 to –5 V
VEE2
Driver negative
power supply
3 - 6,
43 - 46
–
The driver output: low level (VEE2 to VEE1 < 6.0 V)
Cautions 1. To prevent latch-up, turn on power to VDD1, VEE1, VEE2, VDD2, and logic input in this order. Turn off
power in the reverse order.
These power up/down sequence must be observed also during
transition period.
2. Insert a capacitor of about 0.1
µµµµF between each power line, as shown below, to secure noise margin
such as VIH and VIL.
VDD2
VDD1
0.1
F
VSS
VEE1
VEE2
µ
0.1
F
µ
0.1
F
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com