Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16704 Datasheet(PDF) 1 Page - NEC

Part # UPD16704
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16704 Datasheet(HTML) 1 Page - NEC

  UPD16704 Datasheet HTML 1Page - NEC UPD16704 Datasheet HTML 2Page - NEC UPD16704 Datasheet HTML 3Page - NEC UPD16704 Datasheet HTML 4Page - NEC UPD16704 Datasheet HTML 5Page - NEC UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2001
MOS INTEGRATED CIRCUIT
µµµµ PD16704
240-OUTPUT TFT-LCD GATE DRIVER
DATA SHEET
Document No. S15809EJ1V0DS00 (1st edition)
Date Published December 2002 NS CP (K)
Printed in Japan
DESCRIPTION
The
µ PD16704 is a TFT-LCD gate driver equipped with 240-output lines. It can output a high-gate scanning voltage in
response to CMOS level input because it is provided with a level-shift circuit inside the IC circuit.
FEATURES
• CMOS level input (3.0 to 3.6 V)
• 240 outputs
• High-output voltage (VDD2 to VEE2: 40 V MAX.)
• Double scan inversion function
• COG inversion
ORDERING INFORMATION
Part Number
Package
µ PD16704P
Chip
Remark Purchasing the above chip entail the exchange of documents such as a separate memorandum or product
quality, so please contact one of our sales representavies.


Similar Part No. - UPD16704

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16704 RENESAS-UPD16704 Datasheet
214Kb / 16P
MOS INTEGRATED CIRCUIT
2001
UPD16704P RENESAS-UPD16704P Datasheet
214Kb / 16P
MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD16704

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
240-OUTPUT TFT-LCD GATE DRIVER
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
240-output TFT-LCD Gate Driver IC
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
240-OUTPUT TFT-LCD GATE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
256-OUTPUT TFT-LCD GATE DRIVER
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
240-OUTPUT TFT-LCD GATE DRIVER
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
300-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com