Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16704 Datasheet(PDF) 11 Page - NEC

Part # UPD16704
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16704 Datasheet(HTML) 11 Page - NEC

Back Button UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC UPD16704 Datasheet HTML 10Page - NEC UPD16704 Datasheet HTML 11Page - NEC UPD16704 Datasheet HTML 12Page - NEC UPD16704 Datasheet HTML 13Page - NEC UPD16704 Datasheet HTML 14Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet S15809EJ1V0DS
11
µµµµ PD16704
Switching Characteristics (TA = –30 to +85
°C, VDD1 = 3.3 V ±±±±0.3 V, VDD2 = 23 V, VEE1 = VEE2 = –10 V, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Driver Output Delay Time
tPHL2
CL = 300 pF, CLK
→ On
800
ns
tPLH2
800
ns
tPHL3
CL = 300 pF, OE
→ On
800
ns
tPLH3
800
ns
DSOE
tPHL4
800
ns
Output Rise Time
tTLH
CL = 300 pF
1500
ns
Output Fall Time
tTHL
1500
ns
Input Capacitance
CI
TA = 25°C
15
pF
Timing Requirements (TA = –30 to +85
°C, VDD1 = 3.3 V ±±±±0.3 V, VDD2 = 23 V, VEE1 = VEE2 = –10 V, VSS = 0 V, tr = tf =20
ns (10 to 90%) )
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse High Width
PWCLK(H)
500
ns
Clock Pulse Low Width
PWCLK(L)
500
ns
Enable Pulse Width
PWOE
OE
1000
ns
Start Pulse Setup Time
tSETUP1
STV
↑ → CLK ↑
200
ns
Start Pulse Hold Time
tHOLD1
CLK
↑ → STV ↓
200
ns
Double Scan Setup Time
tSETUP2
DS
↑ → CLK ↑
200
ns
Double Scan Hold Time
tHOLD2
CLK
↑ → DS ↓
200
ns
Remark Unless otherwise specified, the input level is defined to be VIH = 0.8 VDD1, VIL = 0.2 VDD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com