Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16704 Datasheet(PDF) 10 Page - NEC

Part # UPD16704
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16704 Datasheet(HTML) 10 Page - NEC

Back Button UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC UPD16704 Datasheet HTML 10Page - NEC UPD16704 Datasheet HTML 11Page - NEC UPD16704 Datasheet HTML 12Page - NEC UPD16704 Datasheet HTML 13Page - NEC UPD16704 Datasheet HTML 14Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet S15809EJ1V0DS
10
µµµµ PD16704
5. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°°°°C, VSS = 0 V)
Parameter
Symbol
Rating
Unit
Logic Supply Voltage
VDD1
–0.5 to +7.0
V
Driver Positive Supply Voltage
VDD2
–0.5 to +28
V
Power Supply Voltage
VDD2 to VEE1, VEE2
–0.5 to +42
V
Internal Operation Negative Supply Voltage
VEE1
–16 to + 0.5
V
Driver Negative Supply Voltage
VEE2
VEE1 – 0.3 to VEE1 + 7.0
V
Input Voltage
VI
–0.5 to VDD1 + 0.5
V
Operating Ambient Temperature
TA
–30 to +85
°C
Storage Temperature
Tstg
–55 to +125
°C
Caution
Product qualify may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Recommended Operating Range (TA = –30 to +85
°C, VSS = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic Supply Voltage
VDD1
3.0
3.3
3.6
V
Driver Positive Supply Voltage
VDD2
15
23
25
V
Internal Operation Negative Supply Voltage
VEE1
–15
–10
–5.0
V
Power Supply Voltage
VDD2 to VEE1
20
33
40
V
VEE2 to VEE1
06.0
V
Clock Frequency
fCLK
500
kHz
Electrical Characteristics (TA = –30 to +85
°C, VDD1 = 3.3 V ±±±±0.3 V, VDD2 = 23 V, VEE1 = VEE2 = –10 V, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High-level Input Voltage
VIH
0.8 VDD1
VDD1
V
Low-level Input Voltage
VIL
CLK, STV, R,/L, OE
VSS
0.2 VDD1
V
LCD Driver Output ON Resistance
RON
VOUT = VEE2 + 1.0 V, or
VDD2 – 1.0 V
2.0
k
Ω
Input Leak Current
IIL
VI = 0 V or 3.6 V,
±1.0
µA
Dynamic Current Dissipation
IDD1
VDD1, fCLK = 50 kHz,
fSTV = 60 Hz, No load
1000
µA
IDD2
VDD2, fCLK = 50 kHz,
fSTV = 60 Hz, No load
100
µA
IEE
VEE1, fCLK = 50 kHz,
fSTV = 60 Hz, No load
−1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com