Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8421
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8421 Datasheet HTML 3Page - Analog Devices AD8421 Datasheet HTML 4Page - Analog Devices AD8421 Datasheet HTML 5Page - Analog Devices AD8421 Datasheet HTML 6Page - Analog Devices AD8421 Datasheet HTML 7Page - Analog Devices AD8421 Datasheet HTML 8Page - Analog Devices AD8421 Datasheet HTML 9Page - Analog Devices AD8421 Datasheet HTML 10Page - Analog Devices AD8421 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LTC6373
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Distribution of Differential
RTI Offset Voltage
Typical Distribution of Differential
RTI Offset Voltage
Typical Distribution of Differential
RTI Offset Voltage
Typical Distribution of Differential
RTI Offset Voltage Drift
Typical Distribution of Differential
RTI Offset Voltage Drift
Typical Distribution of Differential
RTI Offset Voltage Drift
Typical Distribution of CMRR
Typical Distribution of CMRR
Typical Distribution of CMRR
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
G = 16
TA = –40°C to 85°C
97 UNITS
DIFFERENTIAL RTI OFFSET VOLTAGE DRIFT (µV/°C)
–2 –1.6 –1.2 –0.8 –0.4 0 0.4 0.8 1.2 1.6 2
0
5
10
15
20
25
RTI Offset Voltage Drift
Typical Distribution of Differential
6373 G04
G = 1
TA = –40°C to 85°C
97 UNITS
DIFFERENTIAL RTI OFFSET VOLTAGE DRIFT (µV/°C)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
5
10
15
20
25
RTI Offset Voltage Drift
Typical Distribution of Differential
6373 G05
G = 0.25
TA = –40°C to 85°C
97 UNITS
DIFFERENTIAL RTI OFFSET VOLTAGE DRIFT (µV/°C)
–10 –8 –6 –4 –2 0
2
4
6
8 10
0
5
10
15
20
25
RTI Offset Voltage Drift
Typical Distribution of Differential
6373 G06
G = 16
TA = 25°C
~1500 UNITS
DIFFERENTIAL RTI OFFSET VOLTAGE (µV)
–100 –80 –60 –40 –20 0 20 40 60 80 100
0
5
10
15
20
25
30
35
RTI Offset Voltage
Typical Distribution of Differential
6373 G01
G = 1
TA = 25°C
~1500 UNITS
DIFFERENTIAL RTI OFFSET VOLTAGE (µV)
–250 –200–150–100 –50 0 50 100 150 200 250
0
5
10
15
20
25
30
35
RTI Offset Voltage
Typical Distribution of Differential
6373 G02
G = 0.25
TA = 25°C
~1500 UNITS
DIFFERENTIAL RTI OFFSET VOLTAGE (µV)
–750 –600–450–300–150 0 150 300 450 600 750
0
5
10
15
20
25
30
35
RTI Offset Voltage
Typical Distribution of Differential
6373 G03
G = 16
TA = 25°C
VICM = ±10V
~1500 UNITS
CMRR (µV/V = ppm)
–6 –5 –4 –3 –2 –1 0 1 2 3 4 5 6
0
5
10
15
20
25
Typical Distribution of CMRR
6373 G07
G = 1
TA = 25°C
VICM = ±10V
~1500 UNITS
CMRR (µV/V = ppm)
–100 –80 –60 –40 –20 0 20 40 60 80 100
0
5
10
15
20
25
Typical Distribution of CMRR
6373 G08
G = 0.25
TA = 25°C
VICM = ±10V
~1500 UNITS
CMRR (µV/V = ppm)
–100 –80 –60 –40 –20 0 20 40 60 80 100
0
5
10
15
20
25
Typical Distribution of CMRR
6373 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com