Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8421
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8421 Datasheet HTML 4Page - Analog Devices AD8421 Datasheet HTML 5Page - Analog Devices AD8421 Datasheet HTML 6Page - Analog Devices AD8421 Datasheet HTML 7Page - Analog Devices AD8421 Datasheet HTML 8Page - Analog Devices AD8421 Datasheet HTML 9Page - Analog Devices AD8421 Datasheet HTML 10Page - Analog Devices AD8421 Datasheet HTML 11Page - Analog Devices AD8421 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTC6373
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
G = 16
TA = 25°C
VS = ±4.5V TO ±18V
~1500 UNITS
PSRR (µV/V = ppm)
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
5
10
15
20
25
30
35
40
45
PSRR
Typical Distribution of Differential
6373 G10
G = 1
TA = 25°C
VS = ±4.5V TO ±18V
~1500 UNITS
PSRR (µV/V = ppm)
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
0
5
10
15
20
25
30
35
40
45
PSRR
Typical Distribution of Differential
6373 G11
G = 0.25
TA = 25°C
VS = ±4.5V TO ±18V
~1500 UNITS
PSRR (µV/V = ppm)
–2.4
–1.6
–0.8
0
0.8
1.6
2.4
0
5
10
15
20
25
30
35
40
45
PSRR
Typical Distribution of Differential
6373 G12
Typical Distribution of Differential
PSRR
Typical Distribution of Differential
PSRR
Typical Distribution of Differential
PSRR
TA = 25°C
~1500 UNITS
INPUT BIAS CURRENT (pA)
0
2
4
6
8 10 12 14 16 18 20
0
10
20
30
40
50
60
70
80
90
100
Bias Current
Typical Distribution of Input
6373 G13
TA = 25°C
~1500 UNITS
INPUT OFFSET CURRENT (pA)
0
2
4
6
8 10 12 14 16 18 20
0
10
20
30
40
50
60
70
80
90
100
Offset Current
Typical Distribution of Input
6373 G14
TA = 25°C
~1500 UNITS
GAIN ERROR (ppm)
–100 –80 –60 –40 –20 0 20 40 60 80 100
0
5
10
15
20
25
Gain Error
Typical Distribution of Differential
6373 G15
Typical Distribution of Input Bias
Current
Typical Distribution of Differential
Gain Nonlinearity
Typical Distribution of Input
Offset Current
Typical Distribution of Differential
Gain Error
TA = 25°C
~1500 UNITS
GAIN NONLINEARITY (ppm)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
Gain Nonlinearity
Typical Distribution of Differential
6373 G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com