Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8421
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8421 Datasheet HTML 18Page - Analog Devices AD8421 Datasheet HTML 19Page - Analog Devices AD8421 Datasheet HTML 20Page - Analog Devices AD8421 Datasheet HTML 21Page - Analog Devices AD8421 Datasheet HTML 22Page - Analog Devices AD8421 Datasheet HTML 23Page - Analog Devices AD8421 Datasheet HTML 24Page - Analog Devices AD8421 Datasheet HTML 25Page - Analog Devices AD8421 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTC6373
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. Providing an Input Common Mode Current Path
Figure 6. Adding a Simple External RC Filter at the Inputs of the
LTC6373 Is Effective in Suppressing RF Interference.
RF Interference
In many industrial and data acquisition applications, the
LTC6373 will be used to process small signals accurately
in the presence of large common mode voltages or high
levels of noise. Typically, the sources of these very small
signals (on the order of microvolts or millivolts) are sen-
sors that can be a significant distance from the signal
conditioning circuit. Although these sensors may be con-
nected to signal conditioning circuitry using shielded or
unshielded twisted-pair cabling, the cabling may act as
an antenna, conveying very high frequency interference
directly into the input stage of the LTC6373.
The amplitude and frequency of the interference can have
an adverse effect on an instrumentation amplifier’s input
stage by causing an unwanted DC shift in the amplifier’s
input offset voltage. This well known effect is called RFI
rectification and is produced when out-of-band interfer-
ence is coupled (inductively, capacitively, or via radia-
tion) and rectified by the instrumentation amplifier’s input
transistors. These transistors act as high frequency signal
detectors, in the same way diodes were used as RF enve-
lope detectors in early radio designs. Regardless of the
type of interference or the method by which it is coupled
into the circuit, an out-of-band error signal appears in
series with the instrumentation amplifier’s inputs.
To help minimize this effect, high frequency signals
can be filtered with a low pass RC network placed at
the input of the LTC6373, as illustrated in Figure 6. The
6373 F05
+
–
LTC6373
THERMOCOUPLE
THIS IS AN AC ONLY APPLICATION
THIS IS AN AC ONLY APPLICATION
THIS IS AN AC AND DC APPLICATION
10k
+
–
LTC6373
MICROPHONE
HYDROPHONE,
ETC.
200k
200k
+
–
LTC6373
CENTER-TAP PROVIDES
BIAS CURRENT RETURN
6373 F06
+
–
LTC6373
V–
V+
–VS
–OUT
+OUT
+VS
IN–
IN+
CD
Rs
Rs
Cc
Cc
filter limits the input signal bandwidth according to the
following formulas:
FilterFreqDIFF = 1/[2 • π • RS • (CC + 2CD)]
FilterFreqCM = 1/[2 • π • RS • CC]
Setting the filter frequencies requires knowledge of the
frequency (or frequencies) of the RF interference. Once
the interference frequency is known, the common mode
filter frequency can be set (low enough to filter out the
interference frequency) followed by the differential mode
filter frequency. To avoid any possibility of inadvertently
affecting the differential signal of interest, set the common
mode filter frequency an order of magnitude (or more)
higher than the differential mode filter frequency. Set
the common mode filter frequency such that it does not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com