Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8421
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8421 Datasheet HTML 10Page - Analog Devices AD8421 Datasheet HTML 11Page - Analog Devices AD8421 Datasheet HTML 12Page - Analog Devices AD8421 Datasheet HTML 13Page - Analog Devices AD8421 Datasheet HTML 14Page - Analog Devices AD8421 Datasheet HTML 15Page - Analog Devices AD8421 Datasheet HTML 16Page - Analog Devices AD8421 Datasheet HTML 17Page - Analog Devices AD8421 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC6373
14
Rev. 0
For more information www.analog.com
3rd Harmonic Distortion vs
Frequency
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Output Amplitude
TYPICAL PERFORMANCE CHARACTERISTICS
Low Output Voltage Swing vs
Supply Voltage
Output Short-Circuit Current vs
Temperature
Maximum Undistorted Output
Swing vs Frequency
2nd Harmonic Distortion vs
Frequency
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
Total Harmonic Distortion + Noise
vs Frequency
G = 2
25°C, RL=10kΩ
25°C, RL=2kΩ
–40°C, RL=10kΩ
–40°C, RL=2kΩ
85°C, RL=10kΩ
85°C, RL=2kΩ
125°C, RL=10kΩ
125°C, RL=2kΩ
SUPPLY VOLTAGE, ±VS (V)
4
6
8
10
12
14
16
18
0
0.5
1.0
1.5
2.0
2.5
3.0
6373 G61
VS = 30V, SOURCE
VS = 30V, SINK
VS = 9V, SOURCE
VS = 9V, SINK
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
10
20
30
40
50
60
6373 G62
RL = 2kΩ
DIFFERENTIAL INPUTS
THD < –40dB
FREQUENCY (Hz)
100
1k
10k
100k
0
5
10
15
20
25
30
35
40
45
50
55
60
Swing vs Frequency
6373 G63
G = 16
G = 1
G = 0.5
G = 0.25
RL = 2kΩ
VOUTDIFF = 10VP-P
DIFFERENTIAL INPUTS
FREQUENCY (Hz)
10
100
1k
10k
40k
–140
–130
–120
–110
–100
–90
–80
–70
6373 G64
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
RL = 2kΩ
VOUTDIFF = 10VP-P
DIFFERENTIAL INPUTS
FREQUENCY (Hz)
10
100
1k
10k
40k
–140
–130
–120
–110
–100
–90
–80
–70
6373 G65
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
RL = 2kΩ
VOUTDIFF = 10VP-P
DIFFERENTIAL INPUTS
10Hz TO 22kHz BAND-PASS FILTER
FREQUENCY (Hz)
10
100
1k
10k
40k
–120
–110
–100
–90
–80
–70
6373 G66
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
RL = 2kΩ
VOUTDIFF = 10VP-P
DIFFERENTIAL INPUTS
10Hz TO 500kHz BAND-PASS FILTER
FREQUENCY (Hz)
10
100
1k
10k
40k
–120
–110
–100
–90
–80
–70
6373 G67
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
RL = 2kΩ
fIN = 1kHz
DIFFERENTIAL INPUTS
10Hz TO 22kHz BAND–PASS FILTER
VOUTDIFF (VP-P)
0 5 10 15 20 25 30 35 40 45 50 55 60
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
vs Output Amplitude
Total Harmonic Distortion + Noise
6373 G68
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com