Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959-5U-R Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4959-5U-R
Description  TLE4959-5U-R Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959-5U-R Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4959-5U-R Datasheet HTML 1Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 2Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 3Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 4Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 5Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 6Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 7Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 8Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
4
Ver. 1.0
2019-07
TLE4959-5U-R Transmission Speed Sensor
Functional Description
1.3
Basic Operation
The speed signal calculated out of the differential hall elements, is amplified, filtered and digitized. An
algorithm in the digital core for peak detection and offset calculation will be executed. The offset is fed back
into the speed signal path with a digital to analog converter for offset correction. During uncalibrated mode,
the output of the speed pulse is triggered in the digital core by exceeding a certain threshold of the tracking
ADC. In calibrated mode the output is triggered by the visible hysteresis.
The direction signal is calculated out of center Hall signals. The direction signal is amplified, filtered, and
digitized. In the digital core the direction and the vibration detection information is determined and the
output protocol is issued.
1.4
Uncalibrated and Calibrated Mode
After power on the differential magnetic speed signal is tracked by an analog to digital converter (Tracking
ADC) and monitored within the digital core. If the signal slope is identified as a rising edge or falling edge, the
first output pulse is triggered. A second trigger pulse is issued with direction information.
In uncalibrated mode, the output protocols are triggered by the DNC (detection noise constant) in the speed
path. After start up the sensor switches with the DNC min value and after that the DNC is adapted to the
magnetic input signal amplitude.
The offset update starts if two valid extrema values are found and the direction of the update has the same
orientation as the magnetic signal. For example, a positive offset update is being issued on a rising magnetic
edge only. After a successful offset correction, the sensor is in calibrated mode. Switching occurs at the
adaptive hysteresis threshold level.
In calibrated mode, the DNC is adapted to magnetic input signal amplitude with a minimum of
ΔBlimit . The output pulses are then triggered with adaptive hysteresis.
1.5
Hysteresis Concept
The adaptive hysteresis is linked to the input signal. Therefore, the system is able to suppress switching if
vibration or noise signals are smaller than the adaptive hysteresis levels. The typical value for the hysteresis
level is 1/4 of the magnetic input signal amplitude, the minimum hysteresis level is ΔBlimit.
The visible hysteresis keeps the excellent performance in large pitch transmission application wheels.
Figure 4
Adaptive Hysteresis
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
time [s]
Hysteresis = 0.25 *
ΔBpp (peak to peak )
ΔBz,diff
magnetic input signal
hysteresis HI
hysteresis LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com