Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959-5U-R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4959-5U-R
Description  TLE4959-5U-R Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959-5U-R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4959-5U-R Datasheet HTML 2Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 3Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 4Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 5Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 6Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 7Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 8Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 9Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
6
Ver. 1.0
2019-07
TLE4959-5U-R Transmission Speed Sensor
General Characteristics
2
General Characteristics
2.1
Absolute Maximum Ratings
Note:
Stresses above the max values listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Maximum
ratings are absolute ratings; exceeding only one of these values may cause irreversible damage to
the integrated circuit.
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Supply voltage without
supply resistor
VDD
-16
18
V
continuous, TJ ≤ 175°C
27
V
max. 60 s, TJ ≤ 175°C
-18
V
max. 60 s, TJ ≤ 175°C
Output OFF voltage
VQ_OFF
-1.0
V
max. 1 h,TAmb ≤ 40°C
-0.3
26.5
V
continuous, TJ ≤ 175°C
Output ON voltage
VQ_ON
16
V
continuous, TAmb ≤ 40°C
18
V
max. 1 h, TAmb ≤ 40°C
26.5
V
max. 60 s, TAmb ≤ 40°C
Junction temperature
range
TJ
-40
185
°C
exposure time: max. 10 × 1 h, VDD = 16V
Magnetic field induction BZ
-5
5
T
magnetic pulse during magnet
magnetization.
Valid 10 s with Tambient ≤ 80°C
ESD compliance
ESDHBM
-2
2
kV
HBM1)
1) ESD susceptibility, HBM according to EIA/JESD 22-A114B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com