Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959-5U-R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4959-5U-R
Description  TLE4959-5U-R Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959-5U-R Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4959-5U-R Datasheet HTML 1Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 2Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 3Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 4Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 5Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 6Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 7Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 8Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
1
Ver. 1.0
www.infineon.com/sensors
2019-07
TLE4959-5U-R Transmission Speed Sensor
Features
• Hall based differential speed sensor
• High magnetic sensitivity
• Large operating airgap
• Dynamic self-calibration principle
• Adaptive hysteresis
• Direction of rotation detection
• High vibration suppression capabilities
• Three wire PWM voltage interface
• Magnetic encoder and ferromagnetic wheel application
• High immunity against ESD, EMC and mechanical stress, improved voltage dropout capability
• Automotive operating temperature range
• 4-pin package PG-SSO-4-1
• Green Product (RoHS compliant)
• AEC Qualified
Applications
The TLE4959-5U-R is an integrated differential Hall speed sensor ideally suited for transmission applications.
Its basic function is to provide information about rotational speed and direction of rotation to the
transmission control unit. TLE4959-5U-R includes a sophisticated algorithm which actively suppresses
vibration while keeping excellent airgap performance.
Table 1
Description
Type
Marking
Ordering Code
Package
TLE4959-5U-R
59AYA3
SP004842806
PG-SSO-4-1


Similar Part No. - TLE4959-5U-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4959-5U-SP INFINEON-TLE4959-5U-SP Datasheet
461Kb / 14P
TLE4959-5U-SP Transmission SpeedSensor
Data Sheet Ver. 1.0 2019-07
More results

Similar Description - TLE4959-5U-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXES2SBAA4-114 MURATA-LXES2SBAA4-114 Datasheet
157Kb / 2P
Low-speed Transmission line
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
High-speed Transmission Line
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
High-speed Transmission Line
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
High-Accuracy Hall-Effect Transmission Speed Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
logo
Infineon Technologies A...
TLE4959-5U INFINEON-TLE4959-5U Datasheet
723Kb / 14P
TLE4959-5U Transmission Speed Sensor
Data Sheet Ver. 1.0 2018-07
TLE4959-5UFX INFINEON-TLE4959-5UFX Datasheet
877Kb / 20P
TLE4959-5U FX FlexibleTransmission Speed Sensor
Data Sheet 1.0 2018-07
TLE4959-5U-SP INFINEON-TLE4959-5U-SP Datasheet
461Kb / 14P
TLE4959-5U-SP Transmission SpeedSensor
Data Sheet Ver. 1.0 2019-07
TLE4959C INFINEON-TLE4959C Datasheet
781Kb / 14P
TLE4959C Transmission Speed Sensor
Data Sheet Ver. 1.0 2018-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com