Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959-5U-R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4959-5U-R
Description  TLE4959-5U-R Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959-5U-R Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4959-5U-R Datasheet HTML 1Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 2Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 3Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 4Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 5Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 6Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 7Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 8Page - Infineon Technologies AG TLE4959-5U-R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
5
Ver. 1.0
2019-07
TLE4959-5U-R Transmission Speed Sensor
Functional Description
1.6
Rotational Direction
The direction signal is digitized by an analog to digital converter (direction ADC) and fed into the digital core.
Depending upon the rotation direction of the target wheel, the signal of the center probe anticipates or lags
behind for 90°. This phase relationship is evaluated and converted into rotation direction information by
sampling the signal of the center probe in the proximity of the zero crossing of the “speed” bridge signal.
The first pulse after power has a different length to signalize that there is no direction information available.
1.7
Vibration Suppression
The magnetic signal amplitude and the direction information are used for detection of parasitic magnetic
signals. Unwanted magnetic signal can be caused by angular or air gap vibrations. If an input signal is
identified as a vibration the output pulse will be suppressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com