Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA17P20-1F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA17P20-1F2
Description  15 V, 25 A unidirectional TVS in SOD882T
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA17P20-1F2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA17P20-1F2 Datasheet HTML 1Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 2Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 3Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 4Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 5Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 6Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 7Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 8Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vpp
Peak pulse voltage
ISO10605 (C = 330 pF, R = 330 Ω)
contact discharge
air discharge
30
30
kV
Ppp
Peak pulse power (8/20 μs)
600
W
Ipp
Peak pulse current (8/20 μs)
25
A
Top
Operating junction temperature range
-55 to 150
°C
Tstg
Storage junction temperature range
-55 to 150
TL
Maximum lead temperature for soldering during 10 s
260
Figure 1. Electrical characteristics (definitions)
Table 2. Electrical characteristics (values) (Tamb = 25° C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRM
Stand-off voltage
15
V
VBR
Breakdown voltage
IR = 1 mA
15.6
16.7
17.9
V
IRM
Leakage current
VRM = 15 V
80
nA
VCL
Clamping voltage
Ipp = 20 A - 8/20 µs
23
V
IEC 61000-4-2, 8 kV
contact discharge measured at 30 ns
20.6
RD
Dynamic resistance, pulse
8/20 µs
0.25
Ω
CLINE
Line capacitance
f = 1 MHz, VLINE = 0 V, VOSC = 30 mV
190
pF
ESDA17P20-1F2
Characteristics
DS13369 - Rev 1
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com