Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA17P20-1F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA17P20-1F2
Description  15 V, 25 A unidirectional TVS in SOD882T
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA17P20-1F2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA17P20-1F2 Datasheet HTML 1Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 2Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 3Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 4Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 5Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 6Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 7Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 8Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
Peak pulse power: 600 W (8/20 µs)
•
Stand-off voltage: 15 V
•
Unidirectional type
•
Low leakage current: 80 nA at 25 °C
•
Operating Tj max: 150 °C
•
Lead finishing: gold
Complies with the following standards
•
IPC7531 footprint and JEDEC registered package outline
•
IEC 61000-4-2, C = 150 pF - R = 330 Ω exceeds level 4:
–
30 kV (contact discharge)
–
30 kV (air discharge)
Description
The ESDA17P20-1F2 is a unidirectional single line TVS diode designed to protect
the power line against EOS and ESD transients.
The device is ideal for applications where board space saving is required.
Product status link
ESDA17P20-1F2
15 V, 25 A unidirectional TVS in SOD882T
ESDA17P20-1F2
Datasheet
DS13369 - Rev 1 - June 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ESDA17P20-1F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA17P20-1F2 STMICROELECTRONICS-ESDA17P20-1F2 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - ESDA17P20-1F2

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
YSDAXXT1 YEASHIN-YSDAXXT1 Datasheet
1Mb / 3P
UNIDIRECTIONAL TVS DIODE
logo
STMicroelectronics
ESDA9P25-1T2 STMICROELECTRONICS-ESDA9P25-1T2 Datasheet
429Kb / 10P
7.9 V, 24 A unidirectional TVS in SOD882T
15-Sep-2020
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Texas Instruments
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com