Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA17P20-1F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA17P20-1F2
Description  15 V, 25 A unidirectional TVS in SOD882T
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA17P20-1F2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA17P20-1F2 Datasheet HTML 1Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 2Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 3Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 4Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 5Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 6Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 7Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 8Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.1
Characteristics (curves)
Figure 2. Maximum peak power dissipation versus initial
junction temperature
0
200
400
600
800
0
25
50
75
100
125
150
175
PPP (W)
Tj (°C)
8/20 µs
Figure 3. Maximum peak pulse power versus exponential
pulse duration
10
100
1000
10
100
1000
PPP (W)
tp (µs)
Tj initial = 25 °C
Figure 4. Maximum clamping voltage versus peak pulse
current
0.1
1
10
16
17
18
19
20
21
22
23
24
25
26
IPP (A)
VCL (V)
8/20 µs
Figure 5. Leakage current versus junction temperature
1
10
100
25
50
75
100
125
150
IR (nA)
Tj(°C)
VR = VRM
Figure 6. ESD response to IEC 61000-4-2 (-8 kV contact
discharge)
Figure 7. ESD response to IEC 61000-4-2 (+8 kV contact
discharge)
ESDA17P20-1F2
Characteristics (curves)
DS13369 - Rev 1
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com