Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA17P20-1F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA17P20-1F2
Description  15 V, 25 A unidirectional TVS in SOD882T
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA17P20-1F2 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA17P20-1F2 Datasheet HTML 1Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 2Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 3Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 4Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 5Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 6Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 7Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 8Page - STMicroelectronics ESDA17P20-1F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
SOD882T package information
Figure 8. SOD882T package outline
E
A
L
Table 3. SOD882T mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
A
0.330
0.350
0.370
b
0.230
0.250
0.270
D
0.970
1.000
1.030
E
0.570
0.600
0.630
e
0.650
L
0.480
0.500
0.520
ESDA17P20-1F2
Package information
DS13369 - Rev 1
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com