Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1102C Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 35Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 36Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 37Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 38Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 39Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 40Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 41Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 42Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
SPI (Serial Peripheral Interface)
34
PRELIMINARY V1.8
TABLE 25.
Description of SPICR
11.6.
SPI Status Register (SPI1SR)
TABLE 26.
SPI Status Register (SPI1SR)
Name
Bit
Description
SPIE
7
SPIE: Serial Peripheral Interrupt Enable
0 = Disables internal SPI interrupt (SPIF)
1 = Enables internal SPI interrupt (SPIF
SPE
6
SPE: Serial Peripheral System Enable
0 = Turn off SPI system (P1.5-P1.7 can be general purpose)
1 = Turn on SPI system (P1.5-P1.7 are for SPI)
Reserved [5:4]
5-4
CPOL
3
CPOL: Clock Polarity
0 = Idle state for clock is high
1 = Idle state for clock is low
CPHA
2
CPHA: Clock Phase
0 = Transmit data on falling edge and receive data on rising edge
1 = Transmit data on rising edge and receive data on falling edge
When CPHA = 0, as soon as SS (Slave Select in slave device) goes low, the transaction
begins and data will be sampled on first edge of SCK. When CPHA = 1, the SS (Slave
Select in slave device) may be thought of as simple enable control.
SPR[1:0]
1 to 0
SPR1 and SPR0: SPI Clock Rate Select:
00 = Fclk/2
01 = Fclk/4
10 = Fclk/16
11 = Fclk/64
Address
F3H
Bit Addr.
BIT
7
6
5
4
3
2
1
0
NAME
SPIF
WCOL
Definition
SPI Trans-
fer Com-
plete
SPI Write
Collision
Detect
Reset
Value
0
0
0
0
0
0
0
0
Read/Write
by Software
R/W
R/W
R
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com