Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1102C Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 41Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 42Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 43Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 44Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 45Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 46Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 47Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 48Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
40
PRELIMINARY V1.8
Figure 13.
Burst Frame Structures
Each burst cycle also includes 2 “Guard” times to allow for both propagation and RF
transceiver switching time. More specifically, G1 is a 28-bit delay between the time the
Master stops transmission and the Slave commences transmission; G2 is a 28-bit delay
between the time the Slave stops transmission and the Master commences transmission.
These guard times allow for a minimum delay of 328
µsec delay (for a master oscillator
frequency of 16.384 MHz). The total burst cycle is 768 bits long, including 12 bits
internal delay (the transmitter turns off 6 bits after the last data bit is latched into the
transmitter, the master and slave therefore contribute a total of 12-bit internal delay).
During TDD operation, the receiver will go through several stages. Initially, when the 4
UWs of the acquisition burst has been received and decoded correctly, the receiver
(either Master or Slave) declares “locked”. After the empty burst has been decoded, the
receiver declares “rlocked” signifying that the remote device has locked. The behavior
of the receiver after establishing the RLOCK condition depends on whether the internal
state machine is turned on or not (determined by the setting of the configuration word,
bit CI_h[4]). When the state machine is turned off, transmission will be turned off
whenever the UW is not detected. The Slave then waits for a new acquisition burst
while the Master will start the acquisition cycle again by transmitting an acquisition
burst. Note that the Master will continue to broadcast acquisition bursts until it has
received a proper acquisition burst from the Slave in response. The Master will always
revert back to the initial acquisition mode (broadcasting acquisition bursts), whenever it
fails to detect the proper UWs from the slave.
Zero Stuffing
Acquisition Burst Frame Structure
Empty Burst Frame Structure
Data Burst Frame Structure
Preamble
Data
One Stuffing
UW
UW
UW
UW
Preamble
Preamble
UW
UW SW
Signaling Word (SW)
22
32
288
8
Preamble
Data
Unique Word (UW)
Field
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com