Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1102C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 129 page
background image
Pin Description
PRELIMINARY V1.8
3
4.
Pin Description
Port
Pin #
Pin Name
I/O Type
Functions
VDD
1
Vdd
Digital Supply Voltage
NRESET
2
NRESET
Reset
TST
3
TST
Test pin
BXFOUT
4
BXFOUT
Buffered High Frequency Output
XFOUT
5
XFOUT
Oscillator
High frequency crystal output
XFIN
6
XFIN
Oscillator
High frequency crystal input
XSOUT
7
XSOUT
Oscillator
Slow frequency crystal output
XSIN
8
XSIN
Oscillator
Slow frequency crystal input
P4.0
9
RFPWR
I/O 3
RF power switch output/ I/O
P4.1
10
PLLSW
I/O 3
Phase-lock loop switch output/ I/O
P4.2
11
LOCK
I/O 3
Lock Indicator
P4.3
12
I/O
I/O 3
Latched bi-directional I/O
P4.4
13
I/O
I/O 3
Latched bi-directional I/O
P4.5
14
I/O
I/O 3
Latched bi-directional I/O
P4.6
15
I/O
I/O 3
Latched bi-directional I/O
P4.7
16
I/O
I/O 3
Latched bi-directional I/O
P3.0
17
CPTRU2
I/O 3
Capture Timer 2
P3.1
18
CPTRU1
I/O 3
Capture Timer 1
VSS
19
Vss
Digital Ground
P3.2
20
CPTRD1
I/O 3
Capture Timer 1/Down Counter
P3.3
21
TXEN
I/O 3
Transmitter enable output/ I/O
P3.4
22
MODOUT
I/O 3
Modulated output (chips output)
P3.5
23
DI
I/O 2
Digital (DI) / Analog (DI1) Data
Input
P3.6
24
IRQ1
I/O 3
External Interrupt 0
P3.7
25
IRQ2
I/O 3
External Interrupt 1
DIREF
26
DIREF
I/O 3
Analog Data Input Comparator
External reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com