Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1102C Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 42Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 43Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 44Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 45Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 46Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 47Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 48Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 49Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
PRELIMINARY V1.8
41
Figure 14.
Receiver Lock State Machine
If the state machine is turned on, then the receiver will not declare LOCK loss right after
UW has not been detected. Instead, it will allow for UW errors in up to two further
bursts before declaration LOCK loss. The state diagram for this lock state machine is
shown in Figure 14. In the figure, UW4DET indicates the condition when the four UWs
have been detected during acquisition burst, UWDET indicate the condition where the
single UW in empty and data bursts has been detected. M_SB is the programmed bit
(CI_h[0]) which is a binary “1” when the SSTM is programmed to be the master and a
binary “0” when programmed as a slave. NMODE is a signal generated by the receive
logic when the digital phase locked loop in the receiver has achieved lock, it is similar
to an RSSI signal. Note that the NMODE signal is independent of the UW detection.
Physically, when NMODE is asserted, it indicates that PN acquisition has been
achieved. The LOCKED and RLOCK states are as described previously.
12.8.
System Delay
To calculate the delay through the system (see Figure 15.), assume that the transmit
FIFO is almost empty at the end of a burst. Then the next bit that enters the transmit
FIFO will experience a system delay (excluding propagation delay but including the
internal logic delay) of approximately:
(EQ 3)
where TG is the time delay due to Guard Time (note: G = G1 = G2 = 28bits), TPR is the
time delay due to preamble, TUW is the time delay of the UW, TSW is the time delay for
RLOCK
0
1
2
LOCKED
UNLOCKED
UWDET
UW4DET
UWDET
NMODE +M_SB.UW4DET
+UWDET
UWDET
UWDET
UWDET
RLOCK
RLOCK
UWDET
UWDET
T
delay
2T
G
T
PR
T
UW
T
SW
++
+
()
×
T
DAT
T∆
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com